Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX-7010-DDJ-105 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VX-7010-DDJ-105
Description  Voltage Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-7010-DDJ-105 Datasheet(HTML) 2 Page - Vectron International, Inc

  VX-7010-DDJ-105 Datasheet HTML 1Page - Vectron International, Inc VX-7010-DDJ-105 Datasheet HTML 2Page - Vectron International, Inc VX-7010-DDJ-105 Datasheet HTML 3Page - Vectron International, Inc VX-7010-DDJ-105 Datasheet HTML 4Page - Vectron International, Inc VX-7010-DDJ-105 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 2 of 5
Performance Specifications
Supply Voltage (Vs)
Parameter
Min
Typical
Max
Units
Condition
Supply voltage (standard)
3.135
3.3
3.465
VDC
Current consumption
40
mA
@ HCMOS
Current consumption
90
mA
@ PECL, LVDS
Supply voltage
4.75
5
5.25
VDC
Current consumption
30
mA
@ HCMOS
Current consumption
80
mA
@ PECL, LVDS
RF Output
Signal
HCMOS
Load
15
pF
Rise and Fall time
5
ns
@ 15 pF 10 to 90%
Duty cycle
40
60
%
@ Vs / 2
Signal
PECL
Load
50
Ω
Rise and Fall time
1
ns
20 to 80%
Duty cycle
45
55
%
Signal
LVDS
Load
100
Ω
Rise and Fall time
1
ns
10 to 90%
Duty cycle
40
60
%
Frequency Tuning (EFC)
Tuning Range
ng
±75.0
±140
±200.0
Linearity
10 %
Tuning Slope
Positive
Control Voltage Range
0
0.5
1.65
2.5
3.3
4.5
VDC
VDC
with Vs = 3.3V
with Vs = 5V
Frequency Control Input
Impedance
10
Additional Parameters
Phase Noise
Jitter
-85
-115
-135
-150
-153
0.2
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
ps RMS
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
@ 12kHz .. 20MHz
@52MHz
HCMOS
3.3V
Phase Noise
Jitter
-80
-105
-135
-145
-145
0.6
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
ps RMS
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
@ 12kHz .. 20MHz
@ 155.52
MHz
PECL
3.3V
Subharmonics
-40
dBc
For >160 MHz only
Weight
2.0 g
Processing & Packing
Handling & Processing Note
Absolute Maximum Ratings
Supply voltage (Vs)
6.0
V
Operable Temperature Range
-40
+85
°C
Storage Temperature Range
-55
+125
°C


Similar Part No. - VX-7010-DDJ-105

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-701 VECTRON-VX-701_12 Datasheet
367Kb / 5P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VX-7010-DDJ-105

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com