Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS765-A_0.2 Datasheet(PDF) 5 Page - Intersema Sensoric SA

Part # MS765-A_0.2
Description  PRESSURE SENSOR DIE (0-0.5 BAR)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS765-A_0.2 Datasheet(HTML) 5 Page - Intersema Sensoric SA

  MS765-A_0.2 Datasheet HTML 1Page - Intersema Sensoric SA MS765-A_0.2 Datasheet HTML 2Page - Intersema Sensoric SA MS765-A_0.2 Datasheet HTML 3Page - Intersema Sensoric SA MS765-A_0.2 Datasheet HTML 4Page - Intersema Sensoric SA MS765-A_0.2 Datasheet HTML 5Page - Intersema Sensoric SA MS765-A_0.2 Datasheet HTML 6Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DA765_000.doc
March 19, 2009
5/6
000007651507
ECN 1186
PICKING TOOLS
The MS765 sensors have a sensitive membrane size of 0.95 x 0.95 mm and outer dimensions of 2.1 x 1.96 mm
(MS765-A_0.2, MS765-A_0.5 and MS765-D) and 2.13 x 1.99 mm (MS765-S). The pick and place tool has to be
of a soft material such as rubber (Hardness 78-97 Shore A). Its external size must fit the sensor and the vacuum
cavity must be as large as the membrane itself. Successful tests have been made with specific SPT tools, see
SPT drawing and references below.
Ensure that the ejection pins do not touch the membrane for gauge versions.
SPT references
RTR-A1-060x060
CTR-A1-080
External dimension
TL & TW: 0.06 inch /1.52 mm
F: 0.08 inch / 2.03 mm
Internal dimensions
H: 0.035 inch / 0.89 mm
H: 0.035 inch / 0.89 mm
ORDERING INFORMATION
Product Code
Type
Product
Art.-Nr.
MS765-A_0.2
Absolute
0.5 bar Pressure Sensors 0.2 mm Pyrex sawn on b/f
76525022
MS765-A_0.5
Absolute
0.5 bar Pressure Sensors 0.5 mm Pyrex sawn on b/f
76525021
MS765-D
Differential
0.5 bar Pressure Sensors sawn on b/f
76525121
MS765-S
Differential
0.5 bar Pressure Sensors no Pyrex sawn on b/f
76525221
The MS765 dice are supplied sawn on blue foil, mounted on plastic rings


Similar Part No. - MS765-A_0.2

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS761 INTERSEMA-MS761 Datasheet
244Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS761-A INTERSEMA-MS761-A Datasheet
244Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS761-A_0.2 INTERSEMA-MS761-A_0.2 Datasheet
244Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS761-D INTERSEMA-MS761-D Datasheet
244Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS763 INTERSEMA-MS763 Datasheet
234Kb / 4P
   PRESSURE SENSOR DIE (0-300 mmHg)
More results

Similar Description - MS765-A_0.2

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS79005 INTERSEMA-MS79005 Datasheet
236Kb / 5P
   PRESSURE SENSOR DIE (0-0.5 BAR)
MS7801 INTERSEMA-MS7801 Datasheet
465Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS7930 INTERSEMA-MS7930 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-30 BAR)
MS7812 INTERSEMA-MS7812 Datasheet
411Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR)
MS7901 INTERSEMA-MS7901 Datasheet
257Kb / 5P
   PRESSURE SENSOR DIE (0-1 BAR)
MS7970 INTERSEMA-MS7970 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-70 BAR)
MS767 INTERSEMA-MS767_08 Datasheet
223Kb / 4P
   PRESSURE SENSOR DIE (0-7 BAR)
MS7902 INTERSEMA-MS7902 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-2 BAR)
MS7904 INTERSEMA-MS7904 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-4 BAR)
MS767 INTERSEMA-MS767 Datasheet
214Kb / 4P
   PRESSURE SENSOR DIE (0-7 BAR)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com