Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS5412-BM Datasheet(PDF) 10 Page - Intersema Sensoric SA

Part # MS5412-BM
Description  MINIATURE SMD PRESSURE SENSOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5412-BM Datasheet(HTML) 10 Page - Intersema Sensoric SA

Back Button MS5412-BM Datasheet HTML 2Page - Intersema Sensoric SA MS5412-BM Datasheet HTML 3Page - Intersema Sensoric SA MS5412-BM Datasheet HTML 4Page - Intersema Sensoric SA MS5412-BM Datasheet HTML 5Page - Intersema Sensoric SA MS5412-BM Datasheet HTML 6Page - Intersema Sensoric SA MS5412-BM Datasheet HTML 7Page - Intersema Sensoric SA MS5412-BM Datasheet HTML 8Page - Intersema Sensoric SA MS5412-BM Datasheet HTML 9Page - Intersema Sensoric SA MS5412-BM Datasheet HTML 10Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DA54xx_014
June 15th, 2009
10
000054xx280 ECN 1243
CONTACTS
Factory and European Sales office
Intersema Sensoric SA
Phone:
+41 32 847 9550
Ch. Chapons-des-Prés 11
Fax:
+41 32 847 9569
CH-2022 Bevaix
e-mail:
Switzerland
Website: www.intersema.ch
USA
Measurement Specialties Inc.
Phone:
+1 800 555 1551
1000 Lucas Way
Fax:
+1 757 766 4297
Hampton, VA 23666
e-mail:
sales@meas-spec.com
USA
Website: www.meas-spec.com
ASIA
Measurement Specialties (China), Ltd.
Phone:
+86 755 8330 1004
F1.6-4D, Tian An Development
Fax:
+86 755 8330 6797
Compound
e-mail:
pfc.cs.asia@meas-spec.com
Shenzhen, China 518048
Website: www.meas-spec.com
NOTICE
Intersema reserves the right to make changes to the products contained in this data sheet in order to improve the design or performance
and to supply the best possible products. Intersema assumes no responsibility for the use of any circuits shown in this data sheet, conveys
no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the circuits are free from
patent infringement. Applications for any devices shown in this data sheet are for illustration only and Intersema makes no claim or warranty
that such applications will be suitable for the use specified without further testing or modification.


Similar Part No. - MS5412-BM

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5412-BM INTERSEMA-MS5412-BM Datasheet
183Kb / 8P
   MINIATURE SMD PRESSURE SENSOR
More results

Similar Description - MS5412-BM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS54XX TEC-MS54XX Datasheet
177Kb / 10P
   Miniature SMD Pressure Sensor
logo
Intersema Sensoric SA
MS54XX INTERSEMA-MS54XX Datasheet
183Kb / 8P
   MINIATURE SMD PRESSURE SENSOR
MS5201-XD INTERSEMA-MS5201-XD_08 Datasheet
279Kb / 6P
   SMD PRESSURE SENSOR
MS52XX INTERSEMA-MS52XX Datasheet
228Kb / 8P
   SMD PRESSURE SENSOR
MS5201-XD INTERSEMA-MS5201-XD Datasheet
395Kb / 6P
   SMD PRESSURE SENSOR
logo
Reed Relays and Electro...
R5-J-1 RRE-R5-J-1 Datasheet
100Kb / 2P
   Ultra-Miniature SMD Reed Sensor
R5-S-1 RRE-R5-S-1 Datasheet
101Kb / 2P
   Ultra-Miniature SMD Reed Sensor
logo
All Sensors Corporation
PSI-GF-HGRADE-MINI ASC-PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
5PSI-D-HGRADE-MINI ASC-5PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com