Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRC3-C34L13-0L Datasheet(PDF) 4 Page - DDK Ltd.

Part # FRC3-C34L13-0L
Description  High Current Version for 2-Piece Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FRC3-C34L13-0L Datasheet(HTML) 4 Page - DDK Ltd.

  FRC3-C34L13-0L Datasheet HTML 1Page - DDK Ltd. FRC3-C34L13-0L Datasheet HTML 2Page - DDK Ltd. FRC3-C34L13-0L Datasheet HTML 3Page - DDK Ltd. FRC3-C34L13-0L Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
 
FRC3 Series
Unit : mm
Cable cutting tool P/N : 357J-4256, Termination tool P/N : 357J-4674D (press)
P/N : 357J-4669 (attachment)
PCB Mounting Dimension
Cable Assembly Tools
φ10 +0.1
-0
3.175 ± 0.1
C
B
φ3.2
(for M3 tapping screw)
φ2.8
(M2.6 screw)
Connector
φ1 +0.1
-0
3.175 ± 0.1
C
F
Straight contact tail
Right angle contact tail
φ3.2
(for M3 tapping screw)
φ2.8
(M2.6 screw)
HU-005
Material・・・・・Polyamide resin (UL94V-0)
The HU-005 is attached to the socket.
A pair of HU-005 consists of an HU-005-1
and an HU-005-2.
■Polarizing Key for Sockets
HU-006
Material・・・・・Polycarbonate resin (UL94V-0)
The HU-006 is attached to header.
■ Key Guide for Header
HU-005-1
HU-005-2
HU-006
Note : If connectors having same number of con-
tacts are used side by side, wrong insertion
between adjacent connectors can be prevented.
HU-006
HU-005
4
FRC3


Similar Part No. - FRC3-C34L13-0L

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FRC SEI-FRC Datasheet
307Kb / 6P
   Fusible Thick Film Chip Resistor
6/28/2021
logo
Festo Corporation.
FRC-1-D-5M-MAXI-A FESTO-FRC-1-D-5M-MAXI-A Datasheet
88Kb / 1P
   Air preparation unit
8/11/22
FRC-1-D-5M-MAXI-A-NPT FESTO-FRC-1-D-5M-MAXI-A-NPT Datasheet
87Kb / 1P
   Air preparation unit
8/16/22
FRC-1-D-5M-MAXI-NPT FESTO-FRC-1-D-5M-MAXI-NPT Datasheet
87Kb / 1P
   Air preparation unit
8/16/22
FRC-1-D-5M-O-MAXI FESTO-FRC-1-D-5M-O-MAXI Datasheet
85Kb / 1P
   Air preparation unit
8/11/22
More results

Similar Description - FRC3-C34L13-0L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
350792-1 MACOM-350792-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223957-1 MACOM-5223957-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
   2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
logo
PHOENIX CONTACT
3049563 PHOENIX-3049563 Datasheet
137Kb / 12P
   High Current Connectors - HV M10/2
09/12/2020
3049547 PHOENIX-3049547 Datasheet
380Kb / 11P
   High Current Connectors - HV M6/2
02/04/2022
logo
List of Unclassifed Man...
2-767004-2 ETC-2-767004-2 Datasheet
273Kb / 3P
   High Speed, Controlled Impedance Two-Piece Connectors
Revised 8-97
logo
Hirose Electric
DF64 HIROSE-DF64 Datasheet
871Kb / 6P
   4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
logo
Japan Aviation Electron...
KB1 JAE-KB1 Datasheet
729Kb / 7P
   High-Current Connectors for Solar Panel Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com