Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCXO-5030-DBE-S Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VCXO-5030-DBE-S
Description  Voltage Controlled Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCXO-5030-DBE-S Datasheet(HTML) 2 Page - Vectron International, Inc

  VCXO-5030-DBE-S Datasheet HTML 1Page - Vectron International, Inc VCXO-5030-DBE-S Datasheet HTML 2Page - Vectron International, Inc VCXO-5030-DBE-S Datasheet HTML 3Page - Vectron International, Inc VCXO-5030-DBE-S Datasheet HTML 4Page - Vectron International, Inc VCXO-5030-DBE-S Datasheet HTML 5Page - Vectron International, Inc VCXO-5030-DBE-S Datasheet HTML 6Page - Vectron International, Inc VCXO-5030-DBE-S Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Performance Speci cations
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Parameter
Min
Typ
Max
Units
Condition
Electrical Performance @ 25°C for the CMOS output option
Supply voltage
4.5
3.0
5.0
3.3
5.5
3.6
VDC
VDC
Current consumption
10mA + 0.25mA per MHz, typical
Center Frequency
1.024
77.760
MHZ
Absolute Pull Range over the operating
temperature range, aging and power
supply Vc= 0.5 to 4.5 or 0.3 to 3.0 V
-100
-80
-50
-100
-80
-50
+100
+80
+50
+100
+80
+50
ppm
ppm
ppm
ppm
ppm
ppm
-40 ...+85 °C
-40 ...+85 °C
-40 ...+85 °C
0 ... +70 °C
0 ... +70 °C
0 ... +70 °C
Gain Transfer
Positive
Output Level High
0.8
V
Output Level Low
0.1
V
Output Rise/Fall Time
5
ns
Duty Cycle
45
40
55
60
%
%
Input Leakage
±1
uA
Control Voltage Modulation BW
10
KHz
RMS Jitter, 77.760MHz
3
ps
RMS Jitter, 77.760MHz, 12kHz to 20MHZ
<0.5
ps
Maximum Control Voltage
0
Vdd
Maximum Supply Voltage
7
V
Storage Temperature
-55
+125
°C
Soldering Temp./Time
240/10
°C/s
1. Power supply bypass is required and a 0.1uF in parallel with a 0.01uF high frequency capacitor is recommended.
2. Figure 1 de nes these parameters. Figure 2 illustrates the load used to test devices.
3. Duty cycle is de ned as on-time versus period at 1.4 V for TTL, and 2.5 V for CMOS (5volt supply) and at 1.65 V for CMOS (3.3 volt
operation)
Output Waveform
Output Test Conditions (25±5°C) for 5 volt
devices, 15pF cap only for 3.3V.
Environmental Compliance
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2015


Similar Part No. - VCXO-5030-DBE-S

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
   VCXO
VCXO-199 KSS-VCXO-199 Datasheet
187Kb / 1P
   VCXO
logo
Vectron International, ...
VCXO-2000-AEA-G VECTRON-VCXO-2000-AEA-G Datasheet
272Kb / 4P
   Voltage Controlled Crystal Oscillator
VCXO-2000-AEA-J VECTRON-VCXO-2000-AEA-J Datasheet
272Kb / 4P
   Voltage Controlled Crystal Oscillator
VCXO-2000-AEA-K VECTRON-VCXO-2000-AEA-K Datasheet
272Kb / 4P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VCXO-5030-DBE-S

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com