Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX-4001-ECE-106 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TX-4001-ECE-106
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-4001-ECE-106 Datasheet(HTML) 1 Page - Vectron International, Inc

  TX-4001-ECE-106 Datasheet HTML 1Page - Vectron International, Inc TX-4001-ECE-106 Datasheet HTML 2Page - Vectron International, Inc TX-4001-ECE-106 Datasheet HTML 3Page - Vectron International, Inc TX-4001-ECE-106 Datasheet HTML 4Page - Vectron International, Inc TX-4001-ECE-106 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TX-400
Temperature Compensated Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
EFC Standard
Hermetic
Wide Frequency Range
Frequency Range: 2 MHZ to 200 MHZ
Previous Model: C2400, TQDILTC; 979; 979W, 959; 959W,
TC-400
PCS Base Stations
Land Mobile Radio
Cellular Telephony
Radio in the Local Loop
Features
Applications
TX-400
Parameter
Min
Typ
Max
Units
Condition
Frequency Stabilities1
vs. operating temperature range
(referenced to +25°C)
-2.5
-2
-1.5
-1.0
-2.0
-1.5
-1.0
-1.5
-1.0
-1.5
-1.0
-0.5
+2.5
+2.0
+1.5
+1.0
+2.0
+1.5
+1.0
+1.5
+1.0
+1.5
+1.0
+0.5
ppm
ppm
ppm
ppm
ppm
ppm
ppm
ppm
ppm
ppm
ppm
ppm
-40… +85°C
-40… +85°C
-40… +85°C
-40… +85°C
-20… +70°C
-20… +70°C
-20… +70°C
0… +70°C
0… +70°C
0… +50°C
0… +50°C
0… +50°C
Initial Tolerance
vs. supply voltage change
vs. load change
vs. aging
-2.5
-0.2
-0.2
1.0
+2.5
+0.2
+0.2
ppm
ppm
ppm
ppm/yr
at time of shipment, nominal EFC
Vs ± 5%
Load ± 10%
Supply Voltage (Vs)
Supply voltage
3.135
3.3
3.465
VDC
Supply voltage
4.75
5.0
5.25
VDC
Current consumption
15
50
18
50
mA
mA
mA
mA
@ +25°C & 3.3VDC & clipped sinewave
@ +25°C & 3.3VDC & CMOS
@ +25°C & 5.0VDC & clipped sinewave
@ +25°C & 5.0VDC & CMOS
Performance Specifications


Similar Part No. - TX-4001-ECE-106

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-400 VECTRON-TX-400 Datasheet
363Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-4001-ECE-106

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com