Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCXO-5030-DBT-S Datasheet(PDF) 7 Page - Vectron International, Inc

Part # VCXO-5030-DBT-S
Description  Voltage Controlled Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCXO-5030-DBT-S Datasheet(HTML) 7 Page - Vectron International, Inc

  VCXO-5030-DBT-S Datasheet HTML 1Page - Vectron International, Inc VCXO-5030-DBT-S Datasheet HTML 2Page - Vectron International, Inc VCXO-5030-DBT-S Datasheet HTML 3Page - Vectron International, Inc VCXO-5030-DBT-S Datasheet HTML 4Page - Vectron International, Inc VCXO-5030-DBT-S Datasheet HTML 5Page - Vectron International, Inc VCXO-5030-DBT-S Datasheet HTML 6Page - Vectron International, Inc VCXO-5030-DBT-S Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Ordering Information
VX - 503 0 - D A T - K X X 2 - 10M0000000
Product Family
VX: VCXO
Package
9 x 14 mm
Height
0: B 4.5mm
Supply Voltage
D: 5 Vdc
E: 3.3 Vdc
Pullability Code
H: ±32ppm
K: ±50ppm
P: ±80ppm
S: ±100ppm
Frequency
Screening Code
X: No Screening
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 3/2/2009 daf
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
RF Output Code
A: ACMOS
B: TTL
C: PECL
Temperature Range
E: -40… +85°C
T: 0… +70°C
Notes:
Contact factory for improved stabilities or additional product options. Not all options and codes are available at all
1.
frequencies.
Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency
2.
control voltage, load, temperature (25°C).
Phase noise degrades with increasing output frequency.
3.
Subject to technical modi cation.
4.
Contact factory for availability.
5.
Option Code
0: 6ps rms jitter
1: 12ps rms jitter
2: 20ps rms jitter
Enable Code
A: Enable Hi, Tristate
X: No Enable


Similar Part No. - VCXO-5030-DBT-S

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
   VCXO
VCXO-199 KSS-VCXO-199 Datasheet
187Kb / 1P
   VCXO
logo
Vectron International, ...
VCXO-2000-AEA-G VECTRON-VCXO-2000-AEA-G Datasheet
272Kb / 4P
   Voltage Controlled Crystal Oscillator
VCXO-2000-AEA-J VECTRON-VCXO-2000-AEA-J Datasheet
272Kb / 4P
   Voltage Controlled Crystal Oscillator
VCXO-2000-AEA-K VECTRON-VCXO-2000-AEA-K Datasheet
272Kb / 4P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VCXO-5030-DBT-S

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com