Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS5541-30CM Datasheet(PDF) 11 Page - Intersema Sensoric SA

Part # MS5541-30CM
Description  MINIATURE 30 bar MODULE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5541-30CM Datasheet(HTML) 11 Page - Intersema Sensoric SA

Back Button MS5541-30CM Datasheet HTML 7Page - Intersema Sensoric SA MS5541-30CM Datasheet HTML 8Page - Intersema Sensoric SA MS5541-30CM Datasheet HTML 9Page - Intersema Sensoric SA MS5541-30CM Datasheet HTML 10Page - Intersema Sensoric SA MS5541-30CM Datasheet HTML 11Page - Intersema Sensoric SA MS5541-30CM Datasheet HTML 12Page - Intersema Sensoric SA MS5541-30CM Datasheet HTML 13Page - Intersema Sensoric SA MS5541-30CM Datasheet HTML 14Page - Intersema Sensoric SA MS5541-30CM Datasheet HTML 15Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DA5541-30C_001.doc
Sept. 25th, 2008
11
0005541C1348 ECN1143
Example:
Word1, Word2, Word3 and Word4 (4x16 Bit)
D1 = 15380
D2 = 22027
Start
Convert calibration data into coefficients:
(see bit pattern of Word1-Word4)
Read calibration data (factory calibrated) from
PROM of MS5541-30
Read digital pressure value from MS5541-30
D1 (16 Bit)
Read digital temperature value from MS5541-30
Display pressure and temperature value
Basic equations:
Calculate calibration temperature
UT1=8*C5+10000
Calculate temperature compensated pressure
Difference between actual temperature and reference
temperature:
dT = D2 - UT1
Actual temperature:
TEMP = 200 + dT*(C6+100)/2
11
(0.1°C)
Calculate actual temperature
D2 (16 Bit)
SENST1
OFFT1
TCS
TCO
Tref
TEMPSENS
C1: Pressure sensitivity
(13 Bit)
C2: Pressure offset
(13 Bit)
C3: Temperature coefficient of pressure sensitivity (10 Bit)
C4: Temperature coefficient of pressure offset
(9 Bit)
C5: Reference Temperature
(12 Bit)
C6: Temperature coefficient of the temperature
(7 Bit)
Word1 = 46076
Word2 = 14170
Word3 = 39937
Word4 = 33721
C1 = 5759
C2 = 4317
C3 =
624
C4 =
263
C5 = 1665
C6 =
57
dT(D2) = D2 - Tref
TEMP(D2)=20°+dT(D2)*TEMPSENS
Offset at actual temperature:
OFF = C2 + ((C4-250)*dT)/2
12 + 10000
Sensitivity at actual temperature:
SENS = C1/2 + ((C3+200)*dT)/2
13 + 3000
Temperature compensated pressure in mbar:
P = (SENS * (D1-OFF))/2
11 + 1000
OFF(D2)=OFFT1+TCO*dT(D2)
SENS(D2)=SENST1+TCS*dT(D2)
P(D1,D2)=D1*SENS(D2)-OFF(D2)
dT
= -1293
TEMP = 101
= 10.1 °C
OFF
= 14312
SENS = 5749
P
= 3998
= 3998 mbar
UT1 = 23320
Fig. 3: Flow chart for pressure/temperature reading and software compensation.
NOTES
1) Readings of D2 can be done less frequently, but the display will be less stable in this case
2) For a stable display of 1 mbar resolution, it is recommended to display the average of 4 to 8 subsequent
pressure values.


Similar Part No. - MS5541-30CM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5541-30C TEC-MS5541-30C Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
More results

Similar Description - MS5541-30CM

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5541C INTERSEMA-MS5541C Datasheet
283Kb / 19P
   MINIATURE 14 bar MODULE
MS5541B INTERSEMA-MS5541B Datasheet
362Kb / 18P
   MINIATURE 14 bar MODULE
logo
Pomona Electronics
3030 POMONA-3030 Datasheet
25Kb / 1P
   Miniature Double Banana Plug Shorting Bar
2035 POMONA-2035 Datasheet
40Kb / 1P
   Miniature Double Banana Shorting Bar Plug
logo
Intersema Sensoric SA
MS7930 INTERSEMA-MS7930 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-30 BAR)
logo
Belden Inc.
8025 BELDEN-8025 Datasheet
152Kb / 2P
   Bus Bar Wire, #30 Sol TC
05-05-2023
logo
Chicago Miniature Lamp,...
LM-FB26B CML-LM-FB26B Datasheet
194Kb / 1P
   Flexible Bar LED Module - Blue
LM-FB26G CML-LM-FB26G Datasheet
196Kb / 1P
   Flexible Bar LED Module - Green
LM-FB26W CML-LM-FB26W Datasheet
198Kb / 1P
   Flexible Bar LED Module - White
LM-FB26W-12 CML-LM-FB26W-12 Datasheet
199Kb / 1P
   Flexible Bar LED Module - White
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com