Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS5541C Datasheet(PDF) 2 Page - Intersema Sensoric SA

Part # MS5541C
Description  MINIATURE 14 bar MODULE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5541C Datasheet(HTML) 2 Page - Intersema Sensoric SA

  MS5541C Datasheet HTML 1Page - Intersema Sensoric SA MS5541C Datasheet HTML 2Page - Intersema Sensoric SA MS5541C Datasheet HTML 3Page - Intersema Sensoric SA MS5541C Datasheet HTML 4Page - Intersema Sensoric SA MS5541C Datasheet HTML 5Page - Intersema Sensoric SA MS5541C Datasheet HTML 6Page - Intersema Sensoric SA MS5541C Datasheet HTML 7Page - Intersema Sensoric SA MS5541C Datasheet HTML 8Page - Intersema Sensoric SA MS5541C Datasheet HTML 9Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DA5541C_004.doc
June 16th, 2008
2
0005541C1194 ECN1118
PIN CONFIGURATION
Fig. 2: Pin configuration of MS5541C
Pin Name
Pin
Type
Function
SCLK
1
I
Serial data clock
VSS
2
G
Ground
PV (1)
3
N
Negative programming voltage (do not connect)
PEN (1)
4
I
Programming enable (do not connect)
VDD
5
P
Positive supply voltage
MCLK
6
I
Master clock (32.768kHz)
DIN
7
I
Serial data input
DOUT
8
O
Serial data output
NOTE
1)
Pins 3 (PV) and 4 (PEN) are only used by the manufacturer for calibration purposes and should not be
connected.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Notes
Supply Voltage
VDD
Ta = 25
oC
-0.3
4
V
Storage Temperature
TS
-40
+85
oC
1
Overpressure
P
Ta = 25
oC
30
bar
2
NOTES
1) Storage and operation in an environment of dry and non-corrosive gases.
2) The MS5541CM is qualified referring to the ISO 6425 standard and can withstand an absolute pressure of
30 bar in salt water.


Similar Part No. - MS5541C

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5541C TEC-MS5541C Datasheet
372Kb / 21P
   Piezoresistive silicon micromachined sensor
More results

Similar Description - MS5541C

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5541B INTERSEMA-MS5541B Datasheet
362Kb / 18P
   MINIATURE 14 bar MODULE
MS5541-30C INTERSEMA-MS5541-30C Datasheet
280Kb / 19P
   MINIATURE 30 bar MODULE
logo
Belden Inc.
8012 BELDEN-8012 Datasheet
152Kb / 2P
   Bus Bar Wire, #14 Sol TC
05-05-2023
logo
Pomona Electronics
3030 POMONA-3030 Datasheet
25Kb / 1P
   Miniature Double Banana Plug Shorting Bar
2035 POMONA-2035 Datasheet
40Kb / 1P
   Miniature Double Banana Shorting Bar Plug
logo
Chicago Miniature Lamp,...
LM-FB26B CML-LM-FB26B Datasheet
194Kb / 1P
   Flexible Bar LED Module - Blue
LM-FB26G CML-LM-FB26G Datasheet
196Kb / 1P
   Flexible Bar LED Module - Green
LM-FB26W CML-LM-FB26W Datasheet
198Kb / 1P
   Flexible Bar LED Module - White
LM-FB26W-12 CML-LM-FB26W-12 Datasheet
199Kb / 1P
   Flexible Bar LED Module - White
logo
STANLEY ELECTRIC CO.,LT...
MU92 STANLEY-MU92 Datasheet
256Kb / 14P
   Single Color / Light Bar Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com