Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX-7010-EFE-507 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TX-7010-EFE-507
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-7010-EFE-507 Datasheet(HTML) 1 Page - Vectron International, Inc

  TX-7010-EFE-507 Datasheet HTML 1Page - Vectron International, Inc TX-7010-EFE-507 Datasheet HTML 2Page - Vectron International, Inc TX-7010-EFE-507 Datasheet HTML 3Page - Vectron International, Inc TX-7010-EFE-507 Datasheet HTML 4Page - Vectron International, Inc TX-7010-EFE-507 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TX-700
Temperature Compensated Crystal Oscillator
EFC Standard
Small Size
100% RoHS Compliant
Low Profile
Frequency range of 6.4 - 52 MHz
Standard Frequencies: 10, 12.8, 16.384, 19.44, 20, 20.48 MHz
PCS Base Stations
Land Mobile Radio
Cellular Telephoney
Radio in the Local Loop
Previous Vectron Model Numbers - C2260
Features
Applications
Performance Specifications
Frequency Stabilities1
Parameter
Min
Typical
Max
Units
Condition
vs. operating temperature range
(referenced to +25°C)
-1.5
-1.0
-2.5
-1.0
-1.0
-0.5
+1.5
+1.0
+2.5
+1.0
+1.0
+0.5
ppm
ppm
ppm
ppm
ppm
ppm
-40 to +85°C
-40 to +85°C
-20 to +70°C
-20 to +70°C
0 to +50°C
0 to +50°C
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / 1 Year
-2.5
-0.5
-0.2
-1.0
+2.5
+0.5
+0.2
+1.0
ppm
ppm
ppm
ppm
at time of shipment, nominal EFC
V
S
±5%
Load ±10%
after 30 days of operation
Frequency Stabilities1 (Stratum 3 TCXO) <32MHz
vs. operating temperature range
(referenced to +25°C)
-0.80
-0.28
-0.28
-0.80
-0.28
-0.28
+0.80
+0.28
+0.28
+0.80
+0.28
+0.28
ppm
ppm
ppm
ppm
ppm
ppm
-20 to +70°C
0 to +50°C
-20 to +70°C
-40 to +85°C
-30 to +85°C
-40 to +85°C
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / 20 Years
Overall tolerance
-1.0
-0.2
-0.1
-2.5
-4.6
+1.0
+0.2
+0.1
+2.5
+4.6
ppm
ppm
ppm
ppm
ppm
at time of shipment, nominal EFC
V
S
±5% static
Load ±5% static
Note:*Stratum 3 per GR-1244-CORE:
<±4.6ppm for all causes and 20 years aging,
holdover: <±0.37ppm over 24 hours


Similar Part No. - TX-7010-EFE-507

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-700 VECTRON-TX-700 Datasheet
258Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-700-0012-20M0 VECTRON-TX-700-0012-20M0 Datasheet
321Kb / 5P
   TCXO
TX-700 VECTRON-TX-700_10 Datasheet
258Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-702 VECTRON-TX-702 Datasheet
187Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-7020-ECE-1560 VECTRON-TX-7020-ECE-1560 Datasheet
187Kb / 6P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-7010-EFE-507

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com