Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGM-18-6004 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CGM-18-6004
Description  Module Amplifier 6 GHz - 18 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CGM-18-6004 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CGM-18-6004 Datasheet HTML 1Page - Teledyne Technologies Incorporated CGM-18-6004 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
CGM-18-6004
Module Amplifier
6 GHz - 18 GHz
08/05
ISO 9001:2000
6 GHz - 18 GHz
CGM-18-6004
5.5 dB
Gain Vs Temp Coefficient per 1 deg C: -0.011 dB
6.5 dB
18 dBm
+/-0.5 dB
Contact Factory
80 mA
Contact Factory
1248NP
+25C
This Module Amplifier offers exceptional performance over the
band 6 GHz to 18 GHz with 18 dBm P1dB output power and
5.5 dB Gain.


Similar Part No. - CGM-18-6004

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CGM-18-6001 TELEDYNE-CGM-18-6001 Datasheet
912Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
CGM-18-6002 TELEDYNE-CGM-18-6002 Datasheet
912Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
CGM-18-6003 TELEDYNE-CGM-18-6003 Datasheet
912Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
CGM-18-6005 TELEDYNE-CGM-18-6005 Datasheet
912Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
CGM-18-6006 TELEDYNE-CGM-18-6006 Datasheet
912Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
More results

Similar Description - CGM-18-6004

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TGM-18-6001 TELEDYNE-TGM-18-6001 Datasheet
907Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
TGM-18-6003 TELEDYNE-TGM-18-6003 Datasheet
907Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
TGM-18-6006 TELEDYNE-TGM-18-6006 Datasheet
895Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
CGM-18-6006 TELEDYNE-CGM-18-6006 Datasheet
912Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
TGM-18-6002 TELEDYNE-TGM-18-6002 Datasheet
895Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
TGM-18-6005 TELEDYNE-TGM-18-6005 Datasheet
895Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
TGM-18-6007 TELEDYNE-TGM-18-6007 Datasheet
895Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
TGM-18-6008 TELEDYNE-TGM-18-6008 Datasheet
895Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
CGM-18-6007 TELEDYNE-CGM-18-6007 Datasheet
912Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
CGM-18-6003 TELEDYNE-CGM-18-6003 Datasheet
912Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com