Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX-5000-DAH-287 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TX-5000-DAH-287
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-5000-DAH-287 Datasheet(HTML) 3 Page - Vectron International, Inc

  TX-5000-DAH-287 Datasheet HTML 1Page - Vectron International, Inc TX-5000-DAH-287 Datasheet HTML 2Page - Vectron International, Inc TX-5000-DAH-287 Datasheet HTML 3Page - Vectron International, Inc TX-5000-DAH-287 Datasheet HTML 4Page - Vectron International, Inc TX-5000-DAH-287 Datasheet HTML 5Page - Vectron International, Inc TX-5000-DAH-287 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Additional Parameters
htttp://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100
Frequency Tuning (EFC)
Parameter
Min
Typ
Max
Units
Condition
Tuning Range
± 8.0
±14.0
± 20.0
ppm
Standard Version
± 5.0
±12.0
± 20.0
ppm
S3 Version
Linearity
10 %
Tuning Slope
Positive
Control Voltage Range
0.3
1.65
3.0
VDC
with Vs=3.3VDC
0.5
2.5
4.5
VDC
with Vs=5.0VDC
Freq. control input impedance
10
k
Ω
Parameter
Min
Typ
Max.
Units
Condition
Phase Noise3
-90
dBc/Hz
10
Hz
TCXO @19.44MHz
-120
dBc/Hz
100
Hz
-135
dBc/Hz
1
kHz
-140
dBc/Hz
10
kHz
-145
dBc/Hz
100
kHz
Phase Noise3
-98
dBc/Hz
10
Hz
Low Phase Noise
-125
dBc/Hz
100
Hz
TCXO @12.8 MHz
-147
dBc/Hz
1
kHz
-153
dBc/Hz
10
kHz
-154
dBc/Hz
100
kHz
Weight
3
g
Processing & Packing
Handling & processing note
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Units
Condition
Supply voltage (Vs)
6.0
V
Control Voltage
0
Vs
V
Maximum output load @ CMOS
40
pF
Operable temperature range
-40
+85
°C
Storage temperature range
-55
+125
°C
TX-500
page: 3/6


Similar Part No. - TX-5000-DAH-287

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TX-500 MICROSEMI-TX-500 Datasheet
852Kb / 6P
   Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-500 VECTRON-TX-500_09 Datasheet
273Kb / 6P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-5000-DAH-287

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com