Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS3100E22 Datasheet(PDF) 2 Page - DDK Ltd.

Part # DMS3100E22
Description  MIL-C-5015 Compatible Environment Resistant Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3100E22 Datasheet(HTML) 2 Page - DDK Ltd.

  DMS3100E22 Datasheet HTML 1Page - DDK Ltd. DMS3100E22 Datasheet HTML 2Page - DDK Ltd. DMS3100E22 Datasheet HTML 3Page - DDK Ltd. DMS3100E22 Datasheet HTML 4Page - DDK Ltd. DMS3100E22 Datasheet HTML 5Page - DDK Ltd. DMS3100E22 Datasheet HTML 6Page - DDK Ltd. DMS3100E22 Datasheet HTML 7Page - DDK Ltd. DMS3100E22 Datasheet HTML 8Page - DDK Ltd. DMS3100E22 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2222
Humidity
Vibration
MIL-STD-1344 method 2005
10-500Hz or 10G units
Salt solution / 5%
Temperature in tank / 35℃
Duration: 48H
Shock,
Electrical
Salt Spray
1-2 sine wave transient shock impulse of 50G units
Duration: 10 micro sec(There must not be current interception.)
MIL-STD-1344 method 1001
Test Current / 100mA
Insulation Resistance
Temperature Range
Durability
Thermal Shock
More than 500M
at DC500V (at 25℃ degree)
-55℃
+125℃
500 cycle mating / unmating operatings
MIL-STD-202 method 107
Temperature range of -55℃
+125℃
Relative humidity : 95
±3
Temperature : 71℃±2℃
Duration : 14 days(336hrs.)
Backshell
Socket Insert
Socket Contact
Ferrule
Grommet
Straight Plug Shell
Coupling Ring
Specification
DMS E/F/R Series
Structural Explanation
Straight Plug Connector
Straight Plug Connector
Straight Plug Connector
Straight Plug Connector
DMS3106□□□□□-□□S□-□
DMS3106□□□□□-□□S□-□
DMS3106□□□□□-□□S□-□
DMS3106□□□□□-□□S□-□
Wall Receptacle Connector
Wall Receptacle Connector
Wall Receptacle Connector
Wall Receptacle Connector
DMS3100E□□□□-□□P□-□
DMS3100E□□□□-□□P□-□
DMS3100E□□□□-□□P□-□
DMS3100E□□□□-□□P□-□
Backshell
Pin Insert
Ferrule
Wall Receptacle Shell
Grommet
Pin Contact


Similar Part No. - DMS3100E22

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100E10SL-29PBSL-0 DDK-DMS3100E10SL-29PBSL-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3100E10SL-29PBSL-1 DDK-DMS3100E10SL-29PBSL-1 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3100E10SL-29PBSL-2 DDK-DMS3100E10SL-29PBSL-2 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3100E10SL-29PBSN-0 DDK-DMS3100E10SL-29PBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3100E10SL-29PBSN-1 DDK-DMS3100E10SL-29PBSN-1 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
More results

Similar Description - DMS3100E22

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100E10SL-29SBSN-0 DDK-DMS3100E10SL-29SBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
CA3106R20-27PW ITT-CA3106R20-27PW Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com