Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS3106E22 Datasheet(PDF) 9 Page - DDK Ltd.

Part # DMS3106E22
Description  MIL-C-5015 Compatible Environment Resistant Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3106E22 Datasheet(HTML) 9 Page - DDK Ltd.

Back Button DMS3106E22 Datasheet HTML 5Page - DDK Ltd. DMS3106E22 Datasheet HTML 6Page - DDK Ltd. DMS3106E22 Datasheet HTML 7Page - DDK Ltd. DMS3106E22 Datasheet HTML 8Page - DDK Ltd. DMS3106E22 Datasheet HTML 9Page - DDK Ltd. DMS3106E22 Datasheet HTML 10Page - DDK Ltd. DMS3106E22 Datasheet HTML 11Page - DDK Ltd. DMS3106E22 Datasheet HTML 12Page - DDK Ltd. DMS3106E22 Datasheet HTML 13Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Applicable Cable Diameter
0
: With non - waterproof cable clamp
1
8 : With waterproof cable clamp
Backshell Style
BSN : With non - waterproof straight backshell.
BSS : With waterproof straight backshell.
BSL : With waterproof Long straight backshell.
Omit : Applicable Cable Diameter
Refer to the following name of articles.
3100E / 3101E : With waterproof straight backshell,
grommet and ferrule.
3106E / F : With waterproof straight backshell,
grommet and ferrule.
3108E / F : With waterproof angle backshell,
grommet and ferrule.
Deviations
Omit : Black chromate finish.
A
: Olive drab chromate finish.
Alternate Insert Position
Omit : Normal position
"W", "X", "Y", "Z" : Refer to page 7
Contact Configuration (style)
P : Solder pin contacts
S : Solder socket contacts
PC : Crimp pin contacts
SC : Crimp socket contacts
Insert Arrangement : Refer to page 4 - 6
Shell Size
10SL, 12S, 14S, 16S, 16, 18, 20, 22, 24, 28, 32, 36
Service Class
E : Environmental with rubber insert.
F : Environmental with rubber insert and gasket
R : Environmental with rubber insert and gasket ( 3102 )
R : Environmental with rubber insert and potting backshell
( 3100, 3101, 3106 ).
Shell Style
3100 : Wall connecting receptacle ( in-line receptacle )
3101 : Cable connecting receptacle ( in-line receptacle )
3102 : Box mounting receptacle
3106 : Straight plug
3108 : 90 degree angle plug
Connector Series
DMS : Chromate Finish
9
DMS E/F/R Series
DMS E/F/R Part Numbering System
DMS 3106 F 20 - 29 S W - C - BSS - 1
(Example part Number shown.)


Similar Part No. - DMS3106E22

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106E10SL-29PBSL-0 DDK-DMS3106E10SL-29PBSL-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3106E10SL-29PBSL-1 DDK-DMS3106E10SL-29PBSL-1 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3106E10SL-29PBSL-2 DDK-DMS3106E10SL-29PBSL-2 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3106E10SL-29PBSN-0 DDK-DMS3106E10SL-29PBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3106E10SL-29PBSN-1 DDK-DMS3106E10SL-29PBSN-1 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
More results

Similar Description - DMS3106E22

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100E10SL-29SBSN-0 DDK-DMS3100E10SL-29SBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
CA3106R20-27PW ITT-CA3106R20-27PW Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com