Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX-6010-GFE-507 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TX-6010-GFE-507
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-6010-GFE-507 Datasheet(HTML) 1 Page - Vectron International, Inc

  TX-6010-GFE-507 Datasheet HTML 1Page - Vectron International, Inc TX-6010-GFE-507 Datasheet HTML 2Page - Vectron International, Inc TX-6010-GFE-507 Datasheet HTML 3Page - Vectron International, Inc TX-6010-GFE-507 Datasheet HTML 4Page - Vectron International, Inc TX-6010-GFE-507 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TX-600 / TX-601
Temperature Compensated Crystal Oscillator
The TX-600 Series TCXO is designed utilizing full analog technology. Extremely low phase noise and smooth frequency vs
temperature are achieved. Innovative packaging design allows for high volume manufacturing as well as low profile.
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
High Shock Survival > 20,000 G (TX-600)
Commercial application (TX-601)
Low Phase Noise, Low G-Sensitivity
Stratum 3 Compliant
Fully RoHS Compliant
Surface Mount, Low Profile
Rugged Construction
Frequency Range: 5 MHZ to 100 MHZ
Previous Model: C2280
Military Portable Radios
GPS Telemetry
Test and Measurement Equipment
Wi-Max Basestations
Wireless Communications
Wireline Switches
Features
Applications
Description
TX-600
Parameter
Min
Typ
Max
Units
Condition
Frequency Stabilities1
vs. operating temperature range
(referenced to +25°C)
-2.0
-1.0
-0.5
-0.28
+2.0
+1.0
+0.5
+0.28
ppm
ppm
ppm
ppm
-40… +85°C
-40… +85°C
-20… +70°C
0… +70°C
Total stability
-4.6
+4.6
ppm
Stratum 3, GR-1244-CORE,
for all causes and 15 yrs aging
Initial Tolerance
vs. supply voltage change
vs. load change
vs. aging / 1 year
vs. aging
-1.0
-0.1
-0.2
±1
+1.0
+0.1
+0.2
4.0
ppm
ppm
ppm
ppm
ppm
at time of shipment, nominal EFC
Vs ± 5%
Load ± 10%
@ +40°C
for 15 years
Supply Voltage (Vs)
Supply voltage
4.75
5.0
5.25
VDC
Supply voltage
3.135
3.3
3.465
VDC
Supply voltage
2.7
2.8
2.9
VDC
Performance Specifications


Similar Part No. - TX-6010-GFE-507

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-600 VECTRON-TX-600 Datasheet
372Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-600 VECTRON-TX-600_10 Datasheet
372Kb / 5P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-6010-GFE-507

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com