Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX-5001-ECC-F Datasheet(PDF) 3 Page - Vectron International, Inc

Part # PX-5001-ECC-F
Description  Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-5001-ECC-F Datasheet(HTML) 3 Page - Vectron International, Inc

  PX-5001-ECC-F Datasheet HTML 1Page - Vectron International, Inc PX-5001-ECC-F Datasheet HTML 2Page - Vectron International, Inc PX-5001-ECC-F Datasheet HTML 3Page - Vectron International, Inc PX-5001-ECC-F Datasheet HTML 4Page - Vectron International, Inc PX-5001-ECC-F Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Parameter
Min
Typ
Max
Units
Condition
Duty cycle
45
55
%
@ 50% Vdd
Jitter (rms)
10
0.5
ps
ps
BW = 10Hz to 20 MHz
BW = 12KHz to 20 MHz
Period Jitter (pk-pk)
40
ps
10,000 Samples - Rising edge
Signal
LVDS
Load
60
100
140
ohm
Between outputs
Signal Level (Vol)
1.2
VDC
Signal Level (Voh)
1.4
VDC
Di erential Voltage (Vod)
240
330
460
mVpeak
Common Mode (O set) Voltage (Vos)
1.125
1.2
1.375
V
Start-up Time
10
ms
Rise \ Fall Time
600
1000
ps
measured @ 20% to 80% of Vod
Duty cycle
45
55
%
@ 50% of Vod
Jitter (rms)
5
1
ps
ps
BW = 10Hz to 20 MHz
BW = 12KHz to 20 MHz
Period Jitter (pk-pk)
40
ps
10,000 Samples - Rising edge
Absolute Maximum Ratings
Supply voltage (Vs)
7.0
V
with Vs=5.0VDC and 3.3 VDC
Operable temperature range
-55
+125
°C
Storage temperature range
-62
+125
°C
Additional Parameters
Screening
Vectron Veri cation
Class B, MIL-PRF-55310, Rev.D
Output Enable
Logic “0“ input = Outputs disabled (Tri-state)
Logic “1“ or oating input = Outputs enabled)
Standard (All outputs)
Logic “0“ or oating input = Outputs enabled
Logic “1“ input = Outputs disabled (Tri-state)
Weight
< 2 grams
Processing & Packing
Handling & processing note
Standard Environmentals
Vibration
MIL-STD-202, Method 204, Condition G (30 G, 10Hz-2000Hz)
Shock
MIL-STD-202, Method 213, Condition I (100 G, 6ms, Sawtooth)
Acceleration
MIL-STD-883, Method 2001, Condition A (5000 G, Y1 Plane)
Temperature Cycling
MIL-STD-883, Method 1010, Condition B
Thermal Shock
MIL-STD-883, Method 107, Condition B
Solderability
MIL-STD-202, Method 208
Leak Test (Fine and Gross)
MIL-STD-883, Method 1014, Condition A1 and C1


Similar Part No. - PX-5001-ECC-F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-500 VECTRON-PX-500 Datasheet
1Mb / 9P
   Crystal Oscillator
More results

Similar Description - PX-5001-ECC-F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com