Electronic Components Datasheet Search |
|
OX-2210-DEE-258 Datasheet(PDF) 3 Page - Vectron International, Inc |
|
OX-2210-DEE-258 Datasheet(HTML) 3 Page - Vectron International, Inc |
3 / 5 page Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Page 3 of 5 OX-220 Height “H” Pin Length “L” 7.8 N.A 12.1 N.A 15.0 N.A 11.3 N/A Pin Connections 1 Electronic Frequency Control Input (EFC) 2 Reference Voltage output 3 Supply Voltage Input (Vs) 4 RF Output 5 Oven Alarm 6 N.C or Option (must remain un connected) 7 Ground (Case) Dimensions in mm Outline Drawing / Enclosure OX-221 Height “H” Pin Length “L” 13,2 N.A 11.4 N/A Pin Connections 1 RF Output 2 Oven Alarm 3 Ground (Case) 4 Reference Voltage Output 5 Electronic Frequency Control Input (EFC) 6 Enable 7 Supply Voltage Input (VS) Absolute Maximum Ratings supply voltage (Vs) 6.5 V with Vs=3.3 & 5.0 VDC Output Load 50 pF Operable Temperature Range -55 +85 °C Storage Temperature Range -55 +125 °C |
Similar Part No. - OX-2210-DEE-258 |
|
Similar Description - OX-2210-DEE-258 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |