Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX-2210-DAJ-258 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # OX-2210-DAJ-258
Description  Oven Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-2210-DAJ-258 Datasheet(HTML) 3 Page - Vectron International, Inc

  OX-2210-DAJ-258 Datasheet HTML 1Page - Vectron International, Inc OX-2210-DAJ-258 Datasheet HTML 2Page - Vectron International, Inc OX-2210-DAJ-258 Datasheet HTML 3Page - Vectron International, Inc OX-2210-DAJ-258 Datasheet HTML 4Page - Vectron International, Inc OX-2210-DAJ-258 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 3 of 5
OX-220
Height “H”
Pin Length “L”
7.8
N.A
12.1
N.A
15.0
N.A
11.3
N/A
Pin Connections
1
Electronic Frequency Control Input (EFC)
2
Reference Voltage output
3
Supply Voltage Input (Vs)
4
RF Output
5
Oven Alarm
6
N.C or Option (must remain un connected)
7
Ground (Case)
Dimensions in mm
Outline Drawing / Enclosure
OX-221
Height “H”
Pin Length “L”
13,2
N.A
11.4
N/A
Pin Connections
1
RF Output
2
Oven Alarm
3
Ground (Case)
4
Reference Voltage Output
5
Electronic Frequency Control Input (EFC)
6
Enable
7
Supply Voltage Input (VS)
Absolute Maximum Ratings
supply voltage (Vs)
6.5
V
with Vs=3.3 & 5.0 VDC
Output Load
50
pF
Operable Temperature Range
-55
+85
°C
Storage Temperature Range
-55
+125
°C


Similar Part No. - OX-2210-DAJ-258

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-221 VECTRON-OX-221 Datasheet
198Kb / 5P
   Oven Controlled Crystal Oscillator
OX-221 VECTRON-OX-221 Datasheet
198Kb / 5P
   Oven Controlled Crystal Oscillator
logo
Microsemi Corporation
OX-221 MICROSEMI-OX-221 Datasheet
2Mb / 9P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-221-9100-20M000 VECTRON-OX-221-9100-20M000 Datasheet
685Kb / 9P
   OCXO
OX-221-9101-24M576 VECTRON-OX-221-9101-24M576 Datasheet
686Kb / 9P
   OCXO
More results

Similar Description - OX-2210-DAJ-258

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com