Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX-4002-DAE-147 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # EX-4002-DAE-147
Description  Evacuated Miniature Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-4002-DAE-147 Datasheet(HTML) 1 Page - Vectron International, Inc

  EX-4002-DAE-147 Datasheet HTML 1Page - Vectron International, Inc EX-4002-DAE-147 Datasheet HTML 2Page - Vectron International, Inc EX-4002-DAE-147 Datasheet HTML 3Page - Vectron International, Inc EX-4002-DAE-147 Datasheet HTML 4Page - Vectron International, Inc EX-4002-DAE-147 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EX-400
Evacuated Miniature Crystal Oscillator
The EX-400 provides exceptionally low aging rates and tight temperature stabilities in an extremely small package over a wide
range of environmental conditions. This EMXO series bridges the gap between current large, high precision OCXO’s and smaller
TCXO’s. The EX-400 Series becomes the most economical choice where there is a need for spectral purity, short and long term
stability, along with small size and dramatically reduced power consumption.
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
4-Pin Dip
Uses Doubly Rotated Crystal
Low Power Consumption: <0.35 watts @ +25°C
Previous Model Number: EX-380, EX-381, EX-385 series
Frequency Range: 10 MHz - 80 MHz
SONET/SDH, DWDM, FDM, ATM, 3G
Telecom Transmission and Switching Equipment
Wireless Communication Equipment
Military Airborne and Mobile systems
Features
Applications
Description
EX-400
Frequency Stabilities1
Parameter
Min
Typ
Max
Units
Condition
vs. operating temperature range (refer-
enced to +25°C)
-75
-100
-100
-150
-150
-150
-250
-250
-250
-500
-500
-500
+75
+100
+100
+150
+150
+150
+250
+250
+250
+500
+500
+500
ppb
ppb
ppb
ppb
ppb
ppb
ppb
ppb
ppb
ppb
ppb
ppb
-20… +70°C (10 to 20.49 MHz)
-20… +70°C
(10 to 50 MHz)
-40… +85°C (10 to 20.49 MHz)
-20… +70°C
-40… +85°C
-55… +85°C
(10 to 50 MHz)
-20… +70°C
-40… +85°C
-55… +85°C
-20… +70°C
-40… +85°C
-55… +85°C
Performance Speci cations


Similar Part No. - EX-4002-DAE-147

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-400 VECTRON-EX-400 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results

Similar Description - EX-4002-DAE-147

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-2000-DAE-208 VECTRON-EX-2000-DAE-208 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-4200-DAE-508 VECTRON-EX-4200-DAE-508 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-620 VECTRON-EX-620 Datasheet
320Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-421 VECTRON-EX-421 Datasheet
298Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com