Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6323A Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T6323A
Description  300mA Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T6323A Datasheet(HTML) 6 Page - Taiwan Memory Technology

Back Button T6323A Datasheet HTML 2Page - Taiwan Memory Technology T6323A Datasheet HTML 3Page - Taiwan Memory Technology T6323A Datasheet HTML 4Page - Taiwan Memory Technology T6323A Datasheet HTML 5Page - Taiwan Memory Technology T6323A Datasheet HTML 6Page - Taiwan Memory Technology T6323A Datasheet HTML 7Page - Taiwan Memory Technology T6323A Datasheet HTML 8Page - Taiwan Memory Technology T6323A Datasheet HTML 9Page - Taiwan Memory Technology T6323A Datasheet HTML 10Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TE
CH
tm
T6323A
TM Technology Inc. reserves the right
P. 6
Publication Date: MAR. 2008
to change products or specifications without notice.
Revision: B
PACKAGE DIMENSIONS
SOT-23-3
A1 A
B
B1
B2
C
C1
C2
D
E
F
G
H
I
Dimension in mm
Dimension in inch
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.60
2.80
3.00
0.102
0.110
0.118
A1
1.40
1.575
1.60
0.055
0.062
0.063
B
2.70
2.85
3.00
0.106
0.112
0.118
B1
1.90(BSC)
0.075(BSC)
B2
0.95(BSC)
0.037(BSC)
C
0.95
1.20
1.45
0.037
0.047
0.057
C1
0.90
1.10
1.30
0.035
0.043
0.051
C2
0
0.075
0.150
0
0.003
0.06
D
0.40
0.015
E
0.30
0.45
0.60
0.012
0.018
0.023
F
0.08
0.15
0.22
0.003
0.006
0.009
G
0.60(REF)
0.023(REF)
H
0~8°
0~8°
I
5~15°
5~15°


Similar Part No. - T6323A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6322A TMT-T6322A Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6322A-ADG TMT-T6322A-ADG Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6322A-AXG TMT-T6322A-AXG Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
logo
List of Unclassifed Man...
T6326A ETC2-T6326A Datasheet
34Kb / 6P
   Low-Dropout, Constant-Current White LED with Channel Control
T6326A-AM ETC2-T6326A-AM Datasheet
34Kb / 6P
   Low-Dropout, Constant-Current White LED with Channel Control
More results

Similar Description - T6323A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D081A RICOH-R1131D081A Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com