Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRC5-AA20-3TA Datasheet(PDF) 2 Page - DDK Ltd.

Part # FRC5-AA20-3TA
Description  MIL-DTL-83503 Compatible
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FRC5-AA20-3TA Datasheet(HTML) 2 Page - DDK Ltd.

  FRC5-AA20-3TA Datasheet HTML 1Page - DDK Ltd. FRC5-AA20-3TA Datasheet HTML 2Page - DDK Ltd. FRC5-AA20-3TA Datasheet HTML 3Page - DDK Ltd. FRC5-AA20-3TA Datasheet HTML 4Page - DDK Ltd. FRC5-AA20-3TA Datasheet HTML 5Page - DDK Ltd. FRC5-AA20-3TA Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
%QXGT
1RGPGPF20 (4%
%NQUGFGPF 20(4%
0QQHEQPVCEVU
2QNCTK\KPI MG[
5VTCKPTGNKGH20 (4%
0QQH EQPVCEVU
#
$


2QNCTK\KPI MG[OCTMKPI
KPECUGQHRKPU
*

FRC5


Similar Part No. - FRC5-AA20-3TA

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FRC SEI-FRC Datasheet
307Kb / 6P
   Fusible Thick Film Chip Resistor
6/28/2021
logo
Festo Corporation.
FRC-1-D-5M-MAXI-A FESTO-FRC-1-D-5M-MAXI-A Datasheet
88Kb / 1P
   Air preparation unit
8/11/22
FRC-1-D-5M-MAXI-A-NPT FESTO-FRC-1-D-5M-MAXI-A-NPT Datasheet
87Kb / 1P
   Air preparation unit
8/16/22
FRC-1-D-5M-MAXI-NPT FESTO-FRC-1-D-5M-MAXI-NPT Datasheet
87Kb / 1P
   Air preparation unit
8/16/22
FRC-1-D-5M-O-MAXI FESTO-FRC-1-D-5M-O-MAXI Datasheet
85Kb / 1P
   Air preparation unit
8/11/22
More results

Similar Description - FRC5-AA20-3TA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3100E10SL-29SBSN-0 DDK-DMS3100E10SL-29SBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
logo
ITT Industries
045522-0001 ITT-045522-0001 Datasheet
36Kb / 1P
   MIL-DTL 26482 Series I & Mil Battery
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
Amphenol Corporation
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com