Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6330A-XXCWG Datasheet(PDF) 7 Page - Taiwan Memory Technology

Part # T6330A-XXCWG
Description  1A Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T6330A-XXCWG Datasheet(HTML) 7 Page - Taiwan Memory Technology

  T6330A-XXCWG Datasheet HTML 1Page - Taiwan Memory Technology T6330A-XXCWG Datasheet HTML 2Page - Taiwan Memory Technology T6330A-XXCWG Datasheet HTML 3Page - Taiwan Memory Technology T6330A-XXCWG Datasheet HTML 4Page - Taiwan Memory Technology T6330A-XXCWG Datasheet HTML 5Page - Taiwan Memory Technology T6330A-XXCWG Datasheet HTML 6Page - Taiwan Memory Technology T6330A-XXCWG Datasheet HTML 7Page - Taiwan Memory Technology T6330A-XXCWG Datasheet HTML 8Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TE
CH
tm
T6330A
TM Technology Inc. reserves the right
P. 7
Publication Date: JAN. 2008
to change products or specifications without notice.
Revision: A
PACKAGE DIMENSIONS
3-LEAD TO-252
E
b2
L2
D
L1
b
e
e1
A
A1
c1
H
L
c
E1
D1
Dimension in inch
Dimension in mm
Symbol
Min.
Max.
Min.
Max.
A
0.087
0.094
2.20
2.40
A1
0.037
0.041
0.95
1.05
b
0.030
0.033
0.77
0.85
b2
0.209
0.215
5.30
5.45
c
0.017
0.023
0.43
0.58
c1
0.017
0.023
0.43
0.58
D
0.236
0.244
6.00
6.20
D1
0.150 (REF.)
3.80 (REF.)
E
0.250
0.262
6.35
6.65
E1
0.150 (REF.)
3.80 (REF.)
e
0.090 (TYP.)
2.29 (TYP.)
e1
0.180 (TYP.)
4.58 (TYP.)
H
0.338
0.345
8.60
9.00
L
0.056
0.064
1.42
1.63
L1
0.026
0.033
0.65
0.85
L2
0.043
0.047
1.10
1.20


Similar Part No. - T6330A-XXCWG

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
T63300A MOLEX11-T63300A Datasheet
24Kb / 1P
   Terminator Die
T63301A MOLEX11-T63301A Datasheet
24Kb / 1P
   Terminator Die
T63302A MOLEX11-T63302A Datasheet
24Kb / 1P
   Terminator Die
T63309A MOLEX11-T63309A Datasheet
24Kb / 1P
   Terminator Die
T63309B MOLEX11-T63309B Datasheet
24Kb / 1P
   Terminator Die
More results

Similar Description - T6330A-XXCWG

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910_08 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com