Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACP-009736-CD0160 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MACP-009736-CD0160
Description  E-Series Coupler 5 to 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-009736-CD0160 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MACP-009736-CD0160 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-009736-CD0160 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-009736-CD0160 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
E-Series Coupler
5 to 1000 MHz
Rev. V2
MACP-009736-CD0160
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
RELEASED
Outline Drawing
1.
Dimensions in mm.
2.
Tolerance: ±0.2mm unless otherwise noted.
3.
Model number and lot code are printed on the reel.
4.
Termination plating is Au.
Recommended Footprint
1.27
0.762
3.81
TOP
2.54
0.762
3.81
SIDE
3.81 MAX
1.397
4.83
0.762
3.30
1.65


Similar Part No. - MACP-009736-CD0160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-009736-CD0160 MA-COM-MACP-009736-CD0160 Datasheet
362Kb / 4P
   E-Series Coupler
MACP-009736-CD0160 MA-COM-MACP-009736-CD0160 Datasheet
362Kb / 4P
   E-Series Coupler
MACP-009736-CD0160 MA-COM-MACP-009736-CD0160_15 Datasheet
362Kb / 4P
   E-Series Coupler
MACP-009736-CD0160_V2 MA-COM-MACP-009736-CD0160_V2 Datasheet
362Kb / 4P
   E-Series Coupler
More results

Similar Description - MACP-009736-CD0160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-009596-CA0160 MA-COM-MACP-009596-CA0160 Datasheet
132Kb / 3P
   E-Series Coupler 5 to 1000 MHz
logo
Tyco Electronics
EMDC-10-1 MACOM-EMDC-10-1_1 Datasheet
56Kb / 2P
   E-Series Coupler 5-1000 MHz
EMDC-10-1-75 MACOM-EMDC-10-1-75 Datasheet
57Kb / 1P
   E-Series Coupler 5 - 1000 MHz
EMDC-13-2 MACOM-EMDC-13-2 Datasheet
57Kb / 1P
   E-Series Coupler 5 - 1000 MHz
EMDC-17-1-75 MACOM-EMDC-17-1-75 Datasheet
57Kb / 1P
   E-Series Coupler 5 - 1000 MHz
logo
M/A-COM Technology Solu...
EMDC-10-1 MA-COM-EMDC-10-1 Datasheet
45Kb / 2P
   E-Series Coupler 5 - 1000 MHz
logo
Tyco Electronics
EMDC-10-1 MACOM-EMDC-10-1 Datasheet
57Kb / 1P
   E-Series Coupler 5 - 1000 MHz
ESDC-17-3-75 MACOM-ESDC-17-3-75 Datasheet
104Kb / 1P
   E-Series Coupler 5-1000 MHz
ELDC-8 MACOM-ELDC-8 Datasheet
165Kb / 2P
   E-Series 75Ohm Coupler 5-1000 MHz
ELDC-20 MACOM-ELDC-20 Datasheet
162Kb / 2P
   E-Series 75 Ohm Coupler 5 - 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com