Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR17V258IV Datasheet(PDF) 9 Page - Exar Corporation

Part # XR17V258IV
Description  66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V258IV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR17V258IV Datasheet HTML 5Page - Exar Corporation XR17V258IV Datasheet HTML 6Page - Exar Corporation XR17V258IV Datasheet HTML 7Page - Exar Corporation XR17V258IV Datasheet HTML 8Page - Exar Corporation XR17V258IV Datasheet HTML 9Page - Exar Corporation XR17V258IV Datasheet HTML 10Page - Exar Corporation XR17V258IV Datasheet HTML 11Page - Exar Corporation XR17V258IV Datasheet HTML 12Page - Exar Corporation XR17V258IV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
XR17V258
9
REV. 1.0.1
66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
1.0
XR17V258 INTERNAL REGISTERS
The XR17V258 UART has three different sets of registers as shown in Figure 3. The PCI Local Bus
Configuration Space Registers are for plug-and-play auto-configuration when connecting the device to the
PCI bus. This auto-configuration feature makes installation very easy into a PCI system and it is part of the PCI
local bus specification. The second register set is the Device Configuration Registers that are also
accessible directly from the PCI bus for programming general operating conditions of the device and
monitoring the status of various functions common to all eight channels. These functions include all 8 channel
UARTs’ interrupt control and status, 16-bit general purpose timer control and status, multipurpose inputs/
outputs control and status, sleep mode, soft-reset, and device identification and revision. And lastly, each
UART channel has its own set of internal UART Configuration Registers for its own operation control and
status reporting. All 8 sets of channel registers are embedded inside the device configuration registers space,
which provides faster access. The second and third set of registers are mapped into 4K of the PCI bus memory
address space. The following paragraphs describe all 3 sets of registers in detail.
1.1
PCI LOCAL BUS CONFIGURATION SPACE REGISTERS
The PCI local bus configuration space registers are responsible for setting up the device’s operating
environment in the PCI local bus. The pre-defined operating parameters of the device is read by the PCI bus
plug-and-play auto-configuration manager in the operating system. After the PCI bus has collected all data
from every device/card on the bus, it defines and downloads the memory mapping information to each device/
card about their individual operation memory address location and conditions. The operating memory mapped
address location is downloaded into the Base Address Register (BAR) register, located at an address offset of
0x10 in the configuration space. Custom modification of certain registers is possible by using an external
93C46 EEPROM. The EEPROM contains the device vendor and sub-vendor data, along with 6 other words of
information (see “Section 1.4, EEPROM Interface” on page 14) required by the auto-configuration setup.
FIGURE 3. THE XR17V258 REGISTER SETS
C hannel
0
IN T , M PIO ,
TIM ER ,REG
D evic e
C onfig ur ation
and
U AR T [7:0]
C onfig ur ation
R eg is ter s ar e
mapped on
to
the
Bas e
Addr es s
R eg is ter ( BAR ) in a 4K-
byte
of
memor y
addr es s
s pac e
PC I Loc al Bus
Inter fac e
C hannel
0
C hannel
1
C hannel
2
C hannel
3
C hannel
4
C hannel
5
C hannel
6
C hannel
7
D evic e
C onfig ur ation
R eg is ter s
8
c hannel
Inter r upts ,
M ultipur pos e
I/O s ,
16- bit
T imer /C ounter ,
Sleep, R es et, D VID , D R EV
U AR T [7:0]
C onfig ur ation
Reg is ter s
16550
C ompatible and
EXAR
Enhanc ed
R eg is ter s
PC I Loc al Bus
C onfig ur ation
Spac e
R eg ister s for Plug -
and- Play
Auto
C onfig ur ation
PCI REG S-1
Vendor
and
Sub- vendor
ID
and Pr oduc t
M odel N umber
in Exter nal EEPR O M
0x 00 00
0x 02 00
0x 04 00
0x 06 00
0x 08 00
0x 0A 0 0
0x0C 00
0x0E00
0x 00 80
0x0F F F


Similar Part No. - XR17V258IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V258IV EXAR-XR17V258IV Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
More results

Similar Description - XR17V258IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V258 EXAR-XR17V258 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
logo
Oxford Semiconductor
OX16PCI958 OXFORD-OX16PCI958 Datasheet
410Kb / 46P
   Octal UART with PCI Interface
logo
Exar Corporation
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com