Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR17V258 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR17V258
Description  66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V258 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR17V258 Datasheet HTML 3Page - Exar Corporation XR17V258 Datasheet HTML 4Page - Exar Corporation XR17V258 Datasheet HTML 5Page - Exar Corporation XR17V258 Datasheet HTML 6Page - Exar Corporation XR17V258 Datasheet HTML 7Page - Exar Corporation XR17V258 Datasheet HTML 8Page - Exar Corporation XR17V258 Datasheet HTML 9Page - Exar Corporation XR17V258 Datasheet HTML 10Page - Exar Corporation XR17V258 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
XR17V258
7
REV. 1.0.1
66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
NOTE: Pin type: I=Input, O=Output, IO= Input/output, OD=Output Open Drain.
TMRCK
69
I
16-bit timer/counter external clock input.
ENIR
70
I
Infrared mode enable (active high). This pin is sampled during power up, fol-
lowing a hardware reset (RST#) or soft-reset (register RESET). It can be
used to start up all 8 UARTs in the infrared mode. The sampled logic state is
transferred to MCR bit [6] in the UART.
VCC
64, 90,112, 4,
19, 34, 45, 137
Power supply for the UART core logic and PCI bus I/O - 3.3V only. The V258
is PCI 3.0 signalling compliant at 3.3V operation. The non-PCI inputs (except
XTAL1) are 5V tolerant. This includes all the serial (modem) inputs.
GND
5,20,35,46,63,
89,136
Power supply common, ground.
PIN DESCRIPTIONS
NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XR17V258

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V258 EXAR-XR17V258 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V258IV EXAR-XR17V258IV Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
More results

Similar Description - XR17V258

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V258 EXAR-XR17V258 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
logo
Oxford Semiconductor
OX16PCI958 OXFORD-OX16PCI958 Datasheet
410Kb / 46P
   Octal UART with PCI Interface
logo
Exar Corporation
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com