Electronic Components Datasheet Search |
|
XR17V358IB176-F Datasheet(PDF) 11 Page - Exar Corporation |
|
XR17V358IB176-F Datasheet(HTML) 11 Page - Exar Corporation |
11 / 68 page PRELIMINARY XR17V358 11 REV. P1.0.2 HIGH PERFORMANCE OCTAL PCI EXPRESS UART TABLE 1: PCI LOCAL BUS CONFIGURATION SPACE REGISTERS ADDRESS OFFSET BITS TYPE DESCRIPTION RESET VALUE (HEX OR BINARY) 0x00 31:16 EWR Device ID - No slave device on expansion interface Device ID - XR17V358 slave device on expansion interface Device ID - XR17V354 slave device on expansion interface 0x0358 0x8358 0x4358 15:0 EWR Vendor ID (Exar) specified by PCISIG 0x13A8 0x04 31 30 RWC RWC Parity error detected. Cleared by writing a logic 1. System error detected. Cleared by writing a logic 1. 0b 0b 29:28 RO Unused 00b 27 RO Target Abort. 0b 26:25 RO DEVSEL# timing. 00b 24 RO Unemployments bus master error reporting bit 0b 23 RO Fast back to back transactions are supported 0b 22 RO Reserved Status bit 0b 21 RO 66MHz capable 0b 20 RO Capabilities List 1b 19:16 RO Reserved Status bits 0000b 15:11, 9,7, 5, 4, 3, 2 RO Command bits (reserved) 0x0000 10 RWR This bit disables the device from asserting INTx#. logic 1 = dis- able assertion of INTx# and logic 0 = enables assertion of INTx# 0b 8 RWR SERR# driver enable. logic 1=enable driver and 0=disable driver 0b 6 RWR Parity error enable. logic 1=respond to parity error and 0=ignore 0b 1 RWR Command controls a device’s response to mem space accesses: 0=disable mem space accesses, 1=enable mem space accesses 0b 0 RO Device’s response to I/O space accesses is disabled. (0 = disable I/O space accesses) 0b 0x08 31:8 EWR Class Code (Default is ’Simple 550 Communication Controller’) 0x070002 7:0 RO Revision ID (Exar device revision number) Current Rev. value 0x0C 31:24 RO BIST (Built-in Self Test) 0x00 23:16 RO Header Type (a single function device with one BAR) 0x00 15:8 RO Unimplemented Latency Timer (needed only for bus master) 0x00 7:0 RO Unimplemented Cache Line Size 0x00 0x10 31:14 RWR Memory Base Address Register (BAR0) 0x00000 13:0 RO Claims an 16K address space for the memory mapped UARTs including the UARTs on the expansion interface. 0x0000 |
Similar Part No. - XR17V358IB176-F |
|
Similar Description - XR17V358IB176-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |