Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR17V358IB176-F Datasheet(PDF) 8 Page - Exar Corporation

Part # XR17V358IB176-F
Description  HIGH PERFORMANCE OCTAL PCI EXPRESS UART
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V358IB176-F Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR17V358IB176-F Datasheet HTML 4Page - Exar Corporation XR17V358IB176-F Datasheet HTML 5Page - Exar Corporation XR17V358IB176-F Datasheet HTML 6Page - Exar Corporation XR17V358IB176-F Datasheet HTML 7Page - Exar Corporation XR17V358IB176-F Datasheet HTML 8Page - Exar Corporation XR17V358IB176-F Datasheet HTML 9Page - Exar Corporation XR17V358IB176-F Datasheet HTML 10Page - Exar Corporation XR17V358IB176-F Datasheet HTML 11Page - Exar Corporation XR17V358IB176-F Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
XR17V358
PRELIMINARY
8
HIGH PERFORMANCE OCTAL PCI EXPRESS UART
REV. P1.0.2
NOTE: Pin type: I=Input, O=Output, IO= Input/output, OD=Output Open Drain, OT=Output Tristate, IS=Input Schmitt
Trigger.
EN485#
C10
I
Auto RS-485 mode enable (active low). This pin is sampled during power up,
following a hardware reset (RST#) or soft reset (register RESET). It can be
used to start up all 8 UARTs in the Auto RS-485 Half-Duplex Direction control
mode. The sampled logic state is transferred to FCTR bit-5 in the UART
channel.
ENIR#
B10
I
Infrared mode enable (active low). This pin is sampled during power up, fol-
lowing a hardware reset (RST#) or soft-reset (register RESET). It can be
used to start up all 8 UARTs in the infrared mode. The sampled logic state is
transferred to MCR bit-6 in the UART.
TEST0
TEST1
TEST2
F2
B11
A11
I
I
I
Factory Test Modes. For normal operation, connect to GND.
VCC33
D5, D9, E12,
J12, M7
Pwr
3.3V I/O power supply.
VCC33A
K3
Pwr
3.3V analog PHY power supply. A ferrite bead is recommended on this pin.
VCC33P
B13, C13
Pwr
3.3V power supply voltage for output stage of buck regulator.
VCC33B
B14, B15
Pwr
3.3V power supply for the analog blocks of the buck regulator.
VCC12
D7, D11, E4,
G12, K4, L12,
M9
Pwr
1.2V core power supply. A ferrite bead is recommended on these pins.
VCC12A
K2
Pwr
1.2V analog PHY power supply. A ferrite bead is recommended on this pin.
GND
A4, A8, A12,
B12, C12, D4,
D6, D8, D10,
D12, F1, F4,
F12, G3, H1,
H2, H12, H15,
J3, J4, K1, K12,
L4, M1, M6,
M8, M10, M15,
R4, R8, R12
Pwr
Power supply common, ground.
NC
A1, A15, R1,
R15
-
No internal connection.
PIN DESCRIPTIONS
NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XR17V358IB176-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V358IB-0A-EVB EXAR-XR17V358IB-0A-EVB Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
More results

Similar Description - XR17V358IB176-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V358IB-0A-EVB EXAR-XR17V358IB-0A-EVB Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V352 EXAR-XR17V352 Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V352IB-0A-EVB EXAR-XR17V352IB-0A-EVB Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V354IB-E4-EVB EXAR-XR17V354IB-E4-EVB Datasheet
1Mb / 67P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
XR17V354 EXAR-XR17V354 Datasheet
1Mb / 66P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
XR16L788 EXAR-XR16L788 Datasheet
557Kb / 42P
   HIGH PERFORMANCE OCTAL UART
logo
Oxford Semiconductor
OX16PCI958 OXFORD-OX16PCI958 Datasheet
410Kb / 46P
   Octal UART with PCI Interface
logo
Exar Corporation
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
logo
C-Media Electronics
CM8888 CMEDIA-CM8888 Datasheet
482Kb / 25P
   High-Performance PCI Express Audio Processor
CM8826 CMEDIA-CM8826 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com