Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFR-000455-000001 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAFR-000455-000001
Description  Single Junction Drop-In Circulator 960 MHz-1200 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFR-000455-000001 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAFR-000455-000001 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFR-000455-000001 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Single Junction Drop-In Circulator
960 MHz—1200 MHz
Rev. 03
MAFR-000455-000001
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
RoHS Compliant
BeO free
Electrical Specifications
Parameter
Conditions
Units
Min
Typ
Max
Frequency Range
MHz
960
1200
Impedance
50
Insertion Loss
dB
0.50
Insertion Loss
978 MHz to 1090 MHz
dB
0.40
Isolation
dB
16
20
Return Loss
dB
16
20
1.
All specifications guaranteed over the operating temperature range unless otherwise stated.
2.
See Application Note ANI-001 for further details.
Pin Configuration
Terminal
Designation
Function
1
Port 1
In
2
Port 2
Out
3
Port 3
Out
Absolute Maximum Ratings
Parameter
Conditions
Units
Min
Max
Input Power
W
1000
Reverse Power
W
1000
Operating Temperature Range
ºC
-40
+85
Storage Temperature Range
ºC
-55
+125
Functional Block Diagram
2
3
CCW
1
Application Notes Available
Application Note
Description
ANI-001
IMD Measurement of Ferrite Isolators and Circulators
ANI-003
Maximum Peak Power of Ferrite Junctions
ANI-004
Base Plate Temperature of Ferrite Isolators and Circulators
ANI-008
Curie Temperature of Isolators and Circulators
ANI-007
Reflow Soldering Guidelines
ANI-009
Tape and Reel Information for Isolators and Circulators
Applications
RADAR


Similar Part No. - MAFR-000455-000001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000403-000001 MA-COM-MAFR-000403-000001 Datasheet
94Kb / 2P
   MAFR-000403-000001 2.7 GHz-3.1 GHz
MAFR-000409-000001 MA-COM-MAFR-000409-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 960 MHz-1200 MHz
MAFR-000428-000001 MA-COM-MAFR-000428-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 960 MHz-1200 MHz
MAFR-000430-000001 MA-COM-MAFR-000430-000001 Datasheet
93Kb / 2P
   Single Junction Drop-In Isolator 2.7 GHz-3.1 GHz
MAFR-000436-000001 MA-COM-MAFR-000436-000001 Datasheet
93Kb / 2P
   Single Junction Drop-In Circulator 3.1 GHz-3.5 GHz
More results

Similar Description - MAFR-000455-000001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000428-000001 MA-COM-MAFR-000428-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 960 MHz-1200 MHz
MAFR-000409-000001 MA-COM-MAFR-000409-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 960 MHz-1200 MHz
MAFR-000084-GS1C1T MA-COM-MAFR-000084-GS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 925 MHz-960 MHz
MAFR-000086-PS1C1T MA-COM-MAFR-000086-PS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1930 MHz-1990 MHz
MAFRIN0540 MA-COM-MAFRIN0540 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1930 MHz-1990 MHz
MAFR-000164-4S3C1T MA-COM-MAFR-000164-4S3C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2010 MHz-2025 MHz
MAFR-000486-000001 MA-COM-MAFR-000486-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1475 MHz-1501 MHz
MAFR-000083-AS1C1T MA-COM-MAFR-000083-AS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 869 MHz-894 MHz
MAFR-000085-DS1C1T MA-COM-MAFR-000085-DS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1805 MHz-1880 MHz
MAFR-000399-000001 MA-COM-MAFR-000399-000001 Datasheet
93Kb / 2P
   Single Junction Drop-In Circulator 1450 MHz-1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com