Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAIA-007150-0001TR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAIA-007150-0001TR
Description  Vector Modulator, 1.94 to 2.24 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAIA-007150-0001TR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAIA-007150-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAIA-007150-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAIA-007150-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAIA-007150-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAIA-007150-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vector Modulator,
1.94 to 2.24 GHz
Rev. V3
MAIA-007150-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Operates 1.94 to 2.24 GHz
• Low Amplitude Ripple
• Linear Phase
• 50 Ohm nominal impedance
• Continuously Variable Across a Full 360 degree
range
• Test Boards to be Available
• Lead-Free 4x6 mm PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SA90-0001
Description
M/A-COM's MAIA-007150-000100 is a Vector Modu-
lator that significantly reduces the required board
space compared to hybrid solutions. The monolithic
passive elements will lead to greater repeatability
lot-to-lot. Low amplitude ripple will provide superior
performance. High intercept and compression points
will contribute to more linear system performance.
MAIA-007150-000100 is ideally suited for wireless
infrastructure applications.
M/A-COM’s MADR-007131-000100 Dual Linearizer
is designed to simplify the control of Vector
Modulators. See Figure 1 and App Note AN3001.
Ordering Information
Part Number
Package
MAIA-007150-000100
Bulk Packaging
MAIA-007150-0001TR
1000 piece reel
MAIA-007150-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
NC
17
NC
2
NC
18
NC
3
NC
19
NC
4
NC
20
NC
5
NC
21
NC
6
NC
22
NC
7
NC
23
NC
8
NC
24
BIAS 2B
9
BIAS 1A
25
NC
10
NC
26
GND
11
GND
27
RF OUT
12
RF IN
28
GND
13
GND
29
NC
14
NC
30
BIAS 1B
15
BIAS 2A
31
NC
16
NC
32
NC
The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAIA-007150-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAIA-007150-0001TB MACOM-MAIA-007150-0001TB Datasheet
352Kb / 6P
   Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MAIA-007150-0001TB MA-COM-MAIA-007150-0001TB Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MAIA-007150-0001TB MA-COM-MAIA-007150-0001TB Datasheet
683Kb / 8P
   Dual Linear Driver for Vector Modulators
More results

Similar Description - MAIA-007150-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
M/A-COM Technology Solu...
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
   Vector Modulator, 1.94 to 2.34 GHz
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
556Kb / 20P
   1.5 GHz to 2.4 GHz RF Vector Modulator
REV. 0
logo
Merrimac Industries, In...
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
   VECTOR MODULATOR
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
   VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
   VECTOR MODULATOR
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
logo
Analog Devices
HMC631LP3 AD-HMC631LP3 Datasheet
834Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com