Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAIA-007775-0001TR Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAIA-007775-0001TR
Description  Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAIA-007775-0001TR Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAIA-007775-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAIA-007775-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAIA-007775-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAIA-007775-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAIA-007775-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAIA-007775-0001TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAIA-007775-0001TR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAIA-007775-0001TR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAIA-007775-0001TR Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Receive I/Q Module Using High Barrier Schottky Mixers
850 - 960 MHz
Rev. V4
MAIA-007775-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications (Demodulator): TA = 25°C, Z0 = 50Ω, VCC = +5.0V
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
LO Input Power
-
-
dBm
2
-
8
Conversion Loss
LO Drive = +4 dBm
RF Input = -7 dBm
FRF = FLO + 0.4 MHz
900 MHz
850-960 MHz
dB
dB
13
13.5
12
12.5
-
-
Amplitude Imbalance
LO Drive = +4 dBm
RF Input = -7 dBm
FRF = FLO + 0.4 MHz
850-960 MHz
dB
-
0.1
0.2
Phase Imbalance3
LO Drive = +4 dBm
RF Input = -7 dBm
FRF = FLO + 0.4 MHz
850-960 MHz
deg
-
0.5
2.5
Input IP3
LO Drive = +4 dBm
RF Input = -7 dBm (each tone)
Tone 1 is 10 MHz above LO Freq
Tone 2 is 11 MHz above LO Freq
850-960 MHz
dBm
28.5
32
-
1 dB Compression Point
LO Drive = +4 dBm
FRF = FLO + 0.4 MHz
850-960 MHz
dBm
14.5
15.5
-
IF Bandwidth
850 MHz ≤ LO ≤ 970 MHz
FRF = FLO + FIF; 0 ≤ FIF ≤ 65 MHz
-
MHz
65
-
-
LO Return Loss
LO Drive = +4 dBm
RF Input = -7 dBm
FRF = FLO + 0.4 MHz
850-960 MHz
dB
-
8
-
RF Return Loss
LO Drive = +4 dBm
RF Input = -7 dBm
FRF = FLO + 0.4 MHz
850-960 MHz
dB
-
9
-
Supply Voltage
VCC
-
V
4.5
5.0
5.5
Supply Current
ICC
Typical @ 25°C
mA
50
75
100
3. When the LO frequency is greater than the RF frequency, the “Q” output leads the “I” output by 90 degrees nominal.


Similar Part No. - MAIA-007775-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAIA-007775-0001TR MACOM-MAIA-007775-0001TR Datasheet
406Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
More results

Similar Description - MAIA-007775-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAIA-007775-000100 MACOM-MAIA-007775-000100 Datasheet
406Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
MAIA-007859-000100 MACOM-MAIA-007859-000100 Datasheet
396Kb / 12P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
MAIA-007860-000100 MACOM-MAIA-007860-000100 Datasheet
407Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007860-000100 MA-COM-MAIA-007860-000100 Datasheet
202Kb / 14P
   Receive I/Q Module Using Low Barrier Schottky Mixers 850 - 960 MHz
MAIA-007859-000100 MA-COM-MAIA-007859-000100 Datasheet
204Kb / 12P
   Receive I/Q Module Using Medium Barrier Schottky Mixers 850 - 960 MHz
MAMO-00900-1291HT MA-COM-MAMO-00900-1291HT Datasheet
159Kb / 7P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900H-1291T MACOM-MA4IQP900H-1291T Datasheet
145Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291LT MACOM-MAMO-000900-1291LT Datasheet
253Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com