Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR21V1414 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR21V1414
Description  4-CH FULL-SPEED USB UART
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR21V1414 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR21V1414 Datasheet HTML 5Page - Exar Corporation XR21V1414 Datasheet HTML 6Page - Exar Corporation XR21V1414 Datasheet HTML 7Page - Exar Corporation XR21V1414 Datasheet HTML 8Page - Exar Corporation XR21V1414 Datasheet HTML 9Page - Exar Corporation XR21V1414 Datasheet HTML 10Page - Exar Corporation XR21V1414 Datasheet HTML 11Page - Exar Corporation XR21V1414 Datasheet HTML 12Page - Exar Corporation XR21V1414 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
XR21V1414
9
REV. 1.0.0
4-CH FULL-SPEED USB UART
1.2.1
EEPROM Contents
The I2C address should be 0xA0. An EEPROM can be used to override default Vendor IDs and Device IDs, as
well as other attributes and maximum power consumption. The EEPROM must contain 8 bytes of data as
specified in Table 2
TABLE 2: EEPROM CONTENTS
ADDRESS
CONTENTS
0
Vendor ID (LSB)
1
Vendor ID (MSB)
2
Product ID (LSB)
3
Product ID (MSB)
4
Device Attributes
5
Device Maximum Power
6
Reserved
7
Signature of 0x58 (’X’). If the signature is not correct, the contents of the EEPROM are ignored.
These values are uploaded from the EEPROM to the corresponding USB Standard Device Descriptor or
Standard Configuration Descriptor. For details of the USB Descriptors, refer to the USB 2.0 specifications.
1.2.1.1
Vendor ID
The Vendor ID value replaces the idVendor field in the USB Standard Device Descriptor.
1.2.1.2
Product ID
The Product ID value replaces the idProduct field in the USB Standard Device Descriptor.
1.2.1.3
Device Attributes
The Device Attributes value replaces the bmAttributes field in the USB Standard Configuration Descriptor.
1.2.1.4
Device Maximum Power
The Device Maximum Power value replaces the bMaxPower field in the USB Standard Configuration
Descriptor.
1.3
UART Manager
The UART Manager enables/disables each UART including the TX and RX FIFOs for each UART. The UART
Manager is located in a separate register block from the 4 UART channels.
1.4
UART
There are 4 enhanced UART channels in the V1414. Each UART channel is independent, therefore, they will
need to be initialized and configured independently. Each UART can be configured via USB control transfers
from the USB host.
1.4.1
Transmitter
The transmitter consists of a 128-byte TX FIFO and a Transmit Shift Register (TSR). Once a bulk-out packet
has been received and the CRC has been validated, the data bytes in that packet are written into the TX FIFO
of the specified UART channel. Data from the TX FIFO is transferred to the TSR when the TSR is idle or has
completed sending the previous data byte. The TSR shifts the data out onto the TX output pin at the data rate
defined by the CLOCK_DIVISOR and TX_CLOCK_MASK registers. The transmitter sends the start bit
followed by the data bits (starting with the LSB), inserts the proper parity-bit if enabled, and adds the stop-
bit(s). The transmitter can be configured for 7 or 8 data bits with parity or 9 data bits with no parity.
EEPROM


Similar Part No. - XR21V1414

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1414IM-0B-EB EXAR-XR21V1414IM-0B-EB Datasheet
400Kb / 34P
   4-CH FULL-SPEED USB UART
XR21V1414IM48 EXAR-XR21V1414IM48 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1414IM48-F EXAR-XR21V1414IM48-F Datasheet
400Kb / 34P
   4-CH FULL-SPEED USB UART
XR21V1414IM48F EXAR-XR21V1414IM48F Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XR21V1414

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1414IM-0B-EB EXAR-XR21V1414IM-0B-EB Datasheet
400Kb / 34P
   4-CH FULL-SPEED USB UART
XR21B1424 EXAR-XR21B1424 Datasheet
512Kb / 61P
   Enhanced 4-Ch Full-Speed USB UART
XR21B1424 EXAR-XR21B1424_17 Datasheet
976Kb / 64P
   Enhanced 4-Ch Full-Speed USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1412 EXAR-XR21V1412 Datasheet
643Kb / 24P
   2-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
XR21V1412IL-0A EXAR-XR21V1412IL-0A Datasheet
397Kb / 32P
   2-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410 Datasheet
623Kb / 23P
   1-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410_10 Datasheet
267Kb / 27P
   1-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com