Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMUSM0008TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAMUSM0008TR
Description  Digital Switched Delay Line 1.8 - 2.4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMUSM0008TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAMUSM0008TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMUSM0008TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMUSM0008TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMUSM0008TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMUSM0008TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMUSM0008TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Digital Switched Delay Line
1.8 - 2.4 GHz
Rev. V3
MAMUSM0008
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
Parameter
Conditions
Units
Min.
Typ.
Max.
Frequency
1.8 - 2.4 GHz
Delay Line Control Range
pS
0
750
Delay Line Control Step Size
pS
50
Delay Step Accuracy
± 5 pS +5% of step size in pS
Output Return Loss
dB
15
20
Input Return Loss
dB
15
20
Input P1dB
dBm
27
Insertion Loss
dB
5
8
Output IP3
PIN = 0 dBm, 5 MHz Spacing
dBm
38
Control Voltage
V
2.7
3
8.5
Control Current
µA
2
20
Switching Speed
(50% TTL to 90% RF)
3V Control
nS
72
100
Pin-Out Diagram
18
17
16
15
14
13
12
11
10
9
8
7
6
8
4
3
2
1
GND
GND
GND
GND
GND
GND
GND
RF_OUT
GND
A
GND
GND
GND
GND
GND
GND
GND
GND
GND
B
GND
CTL_C2
GND
CTL_D1
GND
CTL_D2
GND
GND
GND
C
CTL_C1
GND
GND
D
GND
GND
GND
E
GND
GND
GND
F
GND
GND
GND
G
GND
GND
GND
H
GND
GND
GND
J
GND
GND
GND
K
GND
GND
GND
L
GND
GND
GND
M
GND
GND
GND
N
GND
GND
GND
P
GND
CTL_B2
GND
R
GND
CTL_B1
GND
CTL_A2
CTL_A1
GND
GND
GND
GND
T
GND
GND
GND
GND
GND
GND
GND
GND
GND
U
GND
GND
GND
GND
GND
GND
GND
RF_IN
GND
V


Similar Part No. - MAMUSM0008TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMUSM0008TR MACOM-MAMUSM0008TR Datasheet
264Kb / 6P
   Digital Switched Delay Line 1.8 - 2.4 GHz
More results

Similar Description - MAMUSM0008TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMUSM0008 MACOM-MAMUSM0008 Datasheet
264Kb / 6P
   Digital Switched Delay Line 1.8 - 2.4 GHz
logo
List of Unclassifed Man...
CXD101-106Q ETC1-CXD101-106Q Datasheet
75Kb / 2P
   C-MOS DIGITAL DELAY LINE
logo
Merrimac Industries, In...
DLL-095R-2.14G MERRIMAC-DLL-095R-2.14G Datasheet
102Kb / 1P
   DELAY LINE
logo
M/A-COM Technology Solu...
MAPS-010143 MA-COM-MAPS-010143 Datasheet
618Kb / 6P
   Digital Phase Shifter 4-Bit, 1.4 - 2.4 GHz
logo
Merrimac Industries, In...
DLL-115R-1.96G MERRIMAC-DLL-115R-1.96G Datasheet
108Kb / 1P
   DELAY LINE
logo
M/A-COM Technology Solu...
MAPS-010163 MA-COM-MAPS-010163 Datasheet
667Kb / 7P
   Digital Phase Shifter 6-Bit, 1.4 - 2.4 GHz
logo
Merrimac Industries, In...
DLL-048R-2.14G MERRIMAC-DLL-048R-2.14G Datasheet
107Kb / 2P
   DELAY LINE
logo
Anaren Microwave
XDL15-2-020S ANAREN-XDL15-2-020S Datasheet
166Kb / 5P
   Delay Line
logo
Merrimac Industries, In...
DLL-100R-2.14G MERRIMAC-DLL-100R-2.14G Datasheet
136Kb / 2P
   DELAY LINE
DLL-057R-0.94G MERRIMAC-DLL-057R-0.94G Datasheet
124Kb / 2P
   DELAY LINE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com