Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-007304-000000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-007304-000000
Description  Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-007304-000000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-007304-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-007304-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-007304-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-007304-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Noise Amplifier
0.5 - 3.0 GHz
Rev. V4
MAAL-007304
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Recommended PCB Configuration
External Parts List
Schematic
Component
Value
Footprint Manufacturer
C1
3 pF
0603
ATC
C2
8.2 pF
0603
ATC
C3, C4
0.1 µF
0402
Panasonic
L1
5.6 nH
0402
Panasonic
L2, L5
6.8 nH
0402
Coilcraft
L3
1.5 nH
0402
Toko
L4
3.9 nH
0402
Toko
L6
7.5 nH
0402
Coilcraft
TL1
47.5 Ω, 34° @ 2.3 GHz
TL2
47.5 Ω, 15.5° @ 2.3 GHz
Parameter
Units
Min.
Typ.
Max.
Gain
dB
24.0
25.5
27.0
Noise Figure
dB
0.7
0.85
Current
mA
11.5
13.0
Parameter
Units
Typ.
Input Return Loss
dB
15
Output Return Loss
dB
10
Input IP3
dBm
-6
Output IP3
dBm
19
Output P1dB
dBm
7
Electrical Specifications: F = 2.3 GHz, VDD = +3 V, TA = +25°C, ZO = 50 Ω
Typical Performance: F = 2.3 GHz, VDD = +3 V, TA = +25°C, ZO = 50 Ω


Similar Part No. - MAAL-007304-000000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-007304-000000 MACOM-MAAL-007304-000000 Datasheet
204Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007304-000000 MA-COM-MAAL-007304-000000 Datasheet
744Kb / 5P
   Low Noise Amplifier
More results

Similar Description - MAAL-007304-000000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-008550 MACOM-MAAL-008550 Datasheet
297Kb / 6P
   Low Noise Amplifier 0.5 - 3.0 GHz
MAAL-007304 MACOM-MAAL-007304 Datasheet
204Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz
logo
Teledyne Technologies I...
TMA-4-0504 TELEDYNE-TMA-4-0504 Datasheet
892Kb / 2P
   Low Noise Amplifier 0.5 GHz - 4 GHz
TMA-4-0503 TELEDYNE-TMA-4-0503 Datasheet
892Kb / 2P
   Low Noise Amplifier 0.5 GHz - 4 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-665P8 AVAGO-MGA-665P8 Datasheet
214Kb / 13P
   0.5 ??6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65047-360LF SKYWORKS-SKY65047-360LF Datasheet
857Kb / 14P
   0.4-3.0 GHz Low Noise Amplifier
logo
Teledyne Technologies I...
TMT-4-0504 TELEDYNE-TMT-4-0504 Datasheet
892Kb / 2P
   Temperature Compensated Low Noise Amplifier 0.5 GHz - 4 GHz
TMT-4-0503 TELEDYNE-TMT-4-0503 Datasheet
892Kb / 2P
   Temperature Compensated Low Noise Amplifier 0.5 GHz - 4 GHz
logo
Agilent(Hewlett-Packard...
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
   3.0 GHz Low Noise Silicon MMIC Amplifier
logo
Broadcom Corporation.
MGA-86563 BOARDCOM-MGA-86563 Datasheet
177Kb / 8P
   0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com