Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA009AH Datasheet(PDF) 6 Page - Megawin Technology Co., Ltd

Part # MA009AH
Description  24-bit I/O extender with interrupt function
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MA009AH Datasheet(HTML) 6 Page - Megawin Technology Co., Ltd

Back Button MA009AH Datasheet HTML 2Page - Megawin Technology Co., Ltd MA009AH Datasheet HTML 3Page - Megawin Technology Co., Ltd MA009AH Datasheet HTML 4Page - Megawin Technology Co., Ltd MA009AH Datasheet HTML 5Page - Megawin Technology Co., Ltd MA009AH Datasheet HTML 6Page - Megawin Technology Co., Ltd MA009AH Datasheet HTML 7Page - Megawin Technology Co., Ltd MA009AH Datasheet HTML 8Page - Megawin Technology Co., Ltd MA009AH Datasheet HTML 9Page - Megawin Technology Co., Ltd MA009AH Datasheet HTML 10Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
MA009A Technical Summary
MEGAWIN
function will make the mater to expand interrupt pins very easily.
I/O Port 1
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1
P17
P16
P15
P14
P13
P12
P11
P10
Port P1 input or output status register.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1CR
-
-
-
-
-
-
CR11
CR10
Port P1 I/O control register.
P1CR.0: P1.0 ~ P1.3 is input or output, 0: input, 1: output
P1CR.1: P1.4 ~ P1.7 is input or output, 0: input, 1: output
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1POR
-
-
-
-
-
-
PO11
PO10
Port P1 pull high/output mode control register.
If P1CR.x == 0 (input mode)
P1POR.0: P1.0 ~ P1.3 pull high control, 0: enable (large resistance, 350K), 1: disable
P1POR.1: P1.4 ~ P1.7 pull high control, 0: enable (large resistance, 350K), 1: disable
If P1CR.x == 1 (output mode)
P1POR.0: P1.0 ~ P1.3 CMOS/NMOS selector, 0: CMOS, 1: NMOS
P1POR.1: P1.4 ~ P1.7 CMOS/NMOS selector, 0: CMOS, 1: NMOS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1PSR
-
-
-
-
-
-
PS11
PS10
Port P1 strong pull high selection register.
If P1CR.x == 0 (input mode)
P1PSR.0: P1.0 ~ P1.3 strong pull high control, 0: disable, 1: enable (small resistance, 50K)
P1PSR.1: P1.4 ~ P1.7 strong pull high control, 0: disable, 1: enable (small resistance, 50K)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1SCR
-
-
-
-
-
-
SC11
SC10
Port P1 sink control register.
If P1CR.x == 1 (output mode)
P1SCR.0: P1.0 ~ P1.3 output sink ability control, 0: weak, 1: strong (large sink current)
P1SCR.1: P1.4 ~ P1.7 output sink ability control, 0: weak, 1: strong (large sink current)


Similar Part No. - MA009AH

ManufacturerPart #DatasheetDescription
logo
C&K Components
MA00 CK-COMPONENTS-MA00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
Infineon Technologies A...
MA000039866 INFINEON-MA000039866 Datasheet
22Kb / 1P
   Material Content Data Sheet
15. October 2014
MA000040540 INFINEON-MA000040540 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
MA000040544 INFINEON-MA000040544 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
MA000040744 INFINEON-MA000040744 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
More results

Similar Description - MA009AH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66156SP RENESAS-R8A66156SP Datasheet
202Kb / 8P
   24-bit I/O EXPANDER WITH LED DRIVE FUNCTION
logo
Generalplus Technology ...
GPBA02A GENERALPLUS-GPBA02A Datasheet
378Kb / 21P
   I/O Extender
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
ON Semiconductor
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
ON Semiconductor
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com