Electronic Components Datasheet Search |
|
MPC82E54AE Datasheet(PDF) 9 Page - Megawin Technology Co., Ltd |
|
MPC82E54AE Datasheet(HTML) 9 Page - Megawin Technology Co., Ltd |
9 / 74 page MEGAWIN MPC82x54A Data Sheet 9 Alternative ADC input P0.3 26 BU P0.3: = General purpose 4-state I/O port with internal pull-up mechanism; can be configured as open-drain output. P1.5(MOSI/AIN5) 27 23 17 BU P1.5: = General purpose 4-state I/O port with internal pull-up mechanism; can be configured as open-drain output. MOSI: = Master data Output or Slave data Input for Serial Peripheral Interface (SPI) AIN5: = Alternative ADC input P1.6(MISO/AIN6) 28 24 18 BU P1.6: = General purpose 4-state I/O port with internal pull-up mechanism; can be configured as open-drain output. MISO: = Master data Input or Slave data Output for Serial Peripheral Interface (SPI) AIN6: = Alternative ADC input P1.7 (SPICLK/AIN7) 29 25 19 BU P1.7: = General purpose 4-state I/O port with internal pull-up mechanism; can be configured as open-drain output. SPICLK: = Serial Clock for Serial Peripheral Interface (SPI) AIN7: = Alternative ADC input P2.0(CEX2) 30 26 BU P2.0: = General purpose 4-state I/O port with internal pull-up mechanism; can be configured as open-drain output. CEX2: = Capture Event trigger to Programmable Counter Array (PCA) module-2 or PWM output P2.1 31 27 BU P2.1: = General purpose 4-state I/O port with internal pull-up mechanism; can be configured as open-drain output. VCC 32 28 20 P Power supply |
Similar Part No. - MPC82E54AE |
|
Similar Description - MPC82E54AE |