Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12S128168A Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # M12S128168A
Description  2M x 16 Bit x 4 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12S128168A Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12S128168A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12S128168A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12S128168A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12S128168A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12S128168A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12S128168A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12S128168A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12S128168A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12S128168A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
ESMT
M12S128168A
Elite Semiconductor Memory Technology Inc.
Publication Date: Apr. 2008
Revision: 1.1
6/45
AC OPERATING TEST CONDITIONS
(VDD = 2.5V ± 0.2V,TA = 0 to 70 C
° )
Parameter
Value
Unit
Input levels (Vih/Vil)
0.9xVDDQ/0.2
V
Input timing measurement reference level
0.5xVDDQ
V
Input rise and fall-time
tr/tf = 1/1
ns
Output timing measurement reference level
0.5xVDDQ
V
Output load condition
See Fig. 2
(Fig. 1) DC Output Load Circuit
(Fig. 2) AC Output Load Circuit
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Version
Parameter
Symbol
-6
-7
-8
Unit
Note
Row active to row active delay
tRRD(min)
12
14
20
ns
1
RAS to CAS delay
tRCD(min)
18
20
30
ns
1
Row precharge time
tRP(min)
18
20
30
ns
1
tRAS(min)
40
42
60
ns
1
Row active time
tRAS(max)
100
us
@ Operating
tRC(min)
58
63
90
ns
1
Row cycle time
@ Auto refresh
tRFC(min)
60
70
100
ns
1,5
Last data in to col. address delay
tCDL(min)
1
tCK
2
Last data in to row precharge
tRDL(min)
2
tCK
2
Last data in to burst stop
tBDL(min)
1
tCK
2
Refresh period (4,096 rows)
tREF(max)
64
ms
6


Similar Part No. - M12S128168A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12S128168A-10TG ESMT-M12S128168A-10TG Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12S128168A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_1 Datasheet
366Kb / 22P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com