Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M13S64322A Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S64322A
Description  512K x 32 Bit x 4 Banks Double Data Rate Synchronous DRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S64322A Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S64322A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S64322A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S64322A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S64322A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S64322A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S64322A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M13S64322A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M13S64322A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M13S64322A Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
ESMT
Preliminary
M13S64322A
Elite Semiconductor Memory Technology Inc.
Publication Date : May. 2007
Revision : 0.5
10/49
Basic Functionality
Power-Up and Initialization Sequence
The following sequence is required for POWER UP and Initialization.
1. Apply power and attempt to maintain CKE at a low state (all other inputs may be undefined.)
-
Apply VDD before or at the same time as VDDQ.
-
Apply VDDQ before or at the same time as VTT & VREF).
2. Start clock and maintain stable condition for a minimun of 200us.
3. The minimun of 200us after stable power and clock (CLK, CLK ), apply NOP & take CKE high.
4. Issue precharge commands for all banks of the device.
*1
5. Issue EMRS to enable DLL.
*1
6. Issue a mode register set command for “DLL reset”. The additional 200 cycles of clock input is required to lock the DLL.
*2
7. Issue precharge commands for all banks of the device.
8. Issue 2 or more auto-refresh commands.
9. Issue a mode register set command with low to A8 to initialize device operation.
*1 Every “DLL enable” command resets DLL. Therefore sequence 6 can be skipped during power up. Instead of it, the additional
200 cycles of clock input is required to lock the DLL after enabling DLL.
*2 Sequence of 6 & 7 is regardless of the order.
CL K
CLK
Co m m a n d
2
13
45
6
7
8
910
11
12
13
14
15
16
17
18
19
0
t RP
pr ech a r g e
Al l B a n k s
EM R S
MR S
Dl l R e s e t
t RP
pr ec h a r g e
Al l Ban k s
1 s t A u to
Re f r e s h
t RC
2nd A u t o
Re f r e s h
t RC
Mode
Regi ster Set
An y
Co m m a n d
m i n . 20 0 Cy c l e
P o we r up & I n i t i a l i z at i on S e que nc e


Similar Part No. - M13S64322A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A-2Y ESMT-M13S64164A-2Y Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13S64164A-5BG ESMT-M13S64164A-5BG Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S64322A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_07 Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
   512K X 32 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_08 Datasheet
790Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com