Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M13S2561616A-6TIG Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S2561616A-6TIG
Description  4M x 16 Bit x 4 Banks Double Data Rate SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S2561616A-6TIG Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M13S2561616A-6TIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6TIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6TIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6TIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6TIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6TIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6TIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6TIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6TIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
ESMT
M13S2561616A
Operation Temperature Condition -40~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2007
Revision : 1.1
3/49
Functional Block Diagram
Pin Arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66 PIN TSOP(II)
(400mil x 875mil)
(0.65 mm PIN PITCH)
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM
WE
CAS
RAS
CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
CLK
CLK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
x16
x16
Bank A
Bank D
Bank B
Bank C
DM
DQ
Mode Register &
Extended Mode
Register
Column
Address
Buffer
&
Refresh
Counter
Row
Address
Buffer
&
Refresh
Counter
Sense Amplifier
Column Decoder
Data Control Circuit
Address
Clock
Generator
CLK
CLK
CKE
CS
RAS
CAS
WE
DLL
DQS
CLK, CLK
DQS


Similar Part No. - M13S2561616A-6TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A-6TG ESMT-M13S2561616A-6TG Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A-6TG ESMT-M13S2561616A-6TG Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S2561616A-6TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
   8M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_08 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
logo
Winbond
W982516BH WINBOND-W982516BH Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com