Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M13S5121632A Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S5121632A
Description  8M x 16 Bit x 4 Banks Double Data Rate SDRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S5121632A Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S5121632A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S5121632A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S5121632A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S5121632A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S5121632A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S5121632A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S5121632A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S5121632A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S5121632A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
ESMT
M13S5121632A
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2008
Revision : 1.0
7/47
AC Timing Parameter & Specifications-continued
-5
Parameter
Symbol
min
max
Unit
Note
Half Clock Period
tHP
tCLmin or tCHmin
-
ns
DQ-DQS output hold time
tQH
tHP-tQHS
-
ns
Data hold skew factor
tQHS
-
0.5
ns
ACTIVE to PRECHARGE command
tRAS
40
70K
ns
Row Cycle Time
tRC
55
-
ns
AUTO REFRESH Row Cycle Time
tRFC
70
-
ns
ACTIVE to READ,WRITE delay
tRCD
15
-
ns
PRECHARGE command period
tRP
15
-
ns
ACTIVE bank A to ACTIVE bank B
command
tRRD
10
-
ns
Write recovery time
tWR
15
-
ns
Write data in to READ command delay
tWTR
2
-
tCK
Average periodic refresh interval
tREFI
-
7.8
us
4
Write preamble
tWPRE
0.25
-
tCK
3
Write postamble
tWPST
0.4
0.6
tCK
2
DQS read preamble
tRPRE
0.9
1.1
tCK
DQS read postamble
tRPST
0.4
0.6
tCK
Clock to DQS write preamble setup
time
tWPRES
0
-
ns
Load Mode Register / Extended Mode
register cycle time
tMRD
10
-
ns
Exit self refresh to READ command
tXSRD
200
-
tCK
Exit self refresh to non-READ
command
tXSNR
75
-
ns
Autoprecharge write
recovery+Precharge time
tDAL
30
-
ns
Note :
1.
tHZ and tLZ transitions occur in the same access time windows as valid data transitions. These parameters are not referenced
to a specific voltage level, but specify when the device output is no longer driving (HZ), or begins driving (LZ).
2.
The maximum limit for this parameter is not a device limit. The device will operate with a greater value for this parameter, but
system performance (bus turnaround) will degrade accordingly.
3.
The specific requirement is that DQS be valid (HIGH, LOW, or at some point on a valid transition) on or before this CLK edge.
A valid transition is defined as monotonic, and meeting the input slew rate specifications of the device. When no writes were
previously in progress on the bus, DQS will be transitioning from High-Z to logic LOW. If a previous write was in progress,
DQS could be HIGH, LOW, or transitioning from HIGH to LOW at this time, depending on tDQSS.
4.
A maximum of eight AUTO REFRESH commands can be posted to any given DDR SDRAM device.
5.
For command/address and CLK & CLK slew rate > 1.0V/ns.


Similar Part No. - M13S5121632A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13S5121632A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_08 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com