Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLS30F-12S Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # KLS30F-12S
Description  30 WATT OPEN FRAME POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

KLS30F-12S Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  KLS30F-12S Datasheet HTML 1Page - Volgen Kaga Electronics Inc. KLS30F-12S Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
86
30 W
30 WA
ATT OPEN FRAME POWER SUPPL
TT OPEN FRAME POWER SUPPLY
Y
FEATURES
E
E L
L E
E C
C T
T R
R II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
E
E L
L E
E C
C T
T R
R II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Input Voltage.............................................. 85-264VAC
Input Frequency.......................................... 47-63 Hz
Input Current (100V)................................... 0.2A (5V, 12V, 15V, 24V)
Inrush Current (100V, 50Hz)......................... 20A (Cold Start)
All specifications are typical at nominal input, full load.
II N
N P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
II N
N P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
MTBF........................................................... 100,000 hrs.
Isolation Voltage
Primary to Secondary............... 3000 VAC
Primary to FG........................
3000 VAC
Secondary to FG.................... 500 VAC
Isolation Resistance.................................... FG 50 M
Ω (DC 500V)
G
G E
E N
N E
E R
R A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
G
G E
E N
N E
E R
R A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Open Frame, Glass Epoxy PC Board
P
P H
H Y
Y S
S II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
P
P H
H Y
Y S
S II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Operating Temperature .............................. 0˚-60˚C
Derates linearly 2.5%/˚C after 50˚C
Cooling........................................................ Convection
Temperature Coefficient.............................. 0.02% / ˚C
Storage Temperature.................................. -20˚C - +75 ˚C
Humidity...................................................... 30% - 85% Rh (Non-condensing)
E
E N
N V
V II R
R O
O N
N M
M E
E N
N T
T A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
E
E N
N V
V II R
R O
O N
N M
M E
E N
N T
T A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Output Voltage........................................... See Chart
Output Voltage Adjustment Range.............. ± 10% (Optilonal)
Over-Voltage Protection.............................. Zener Limiter
Line Regulation........................................... 0.5%
Over-Current Protection.............................. Automatic Recovery
Load Regulation.......................................... 1.0%
Hold-Up Time.............................................. 20 mS
Rise Time.................................................... 200mS max. (At 25˚C nominal
input / output)
Drift............................................................. 0.5% + 15mv
Leakage Current......................................... 0.5 mA or less
Ripple and Noise........................................ 5% + 50 mV
O
O U
U T
T P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
O
O U
U T
T P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
S
S A
A F
F E
E T
T II E
E S
S // E
E M
M II
S
S A
A F
F E
E T
T II E
E S
S // E
E M
M II
KLS30F
KLS30F
LOW COST
UNIVERSAL INPUT
HIGH RELIABILITY
OVERVOLTAGE PROTECTION
OVERCURRENT PROTECTION
SUPER SMALL SIZE
HIGH EFFICIENCY
COMPACT LOW PROFILE PACKAGE
TWO YEAR WARRANTY
CB


Similar Part No. - KLS30F-12S

ManufacturerPart #DatasheetDescription
logo
Lumberg
KLS3 LUMBERG-KLS3 Datasheet
462Kb / 3P
   Jack connectors
More results

Similar Description - KLS30F-12S

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
KLT30F VOLGEN-KLT30F Datasheet
195Kb / 2P
   30 WATT, Universal Input Open Frame Switching Power Supply
logo
Phihong USA Inc.
PSA065-120 PHIHONG-PSA065-120 Datasheet
80Kb / 2P
   65 Watt Open-Frame Power Supply
PSA065-120 PHIHONG-PSA065-120_14 Datasheet
102Kb / 2P
   65 Watt* Open-Frame Power Supply
PSA065M-120M PHIHONG-PSA065M-120M_14 Datasheet
78Kb / 2P
   65 Watt* Open-Frame Power Supply
logo
Total Power Internation...
TPS40-1 TOTAL-POWER-TPS40-1 Datasheet
102Kb / 3P
   40 WATT OPEN - FRAME SWITCHING POWER SUPPLY
logo
Phihong USA Inc.
PSA120-050 PHIHONG-PSA120-050_14 Datasheet
168Kb / 3P
   120 Watt Low Cost Open Frame Power Supply
PSA120-050 PHIHONG-PSA120-050 Datasheet
76Kb / 2P
   120 Watt Low Cost Open Frame Power Supply
PSA075-050 PHIHONG-PSA075-050_14 Datasheet
116Kb / 2P
   75 Watt Low Cost Open Frame Power Supply
PSA075-050 PHIHONG-PSA075-050 Datasheet
89Kb / 2P
   75 Watt Low Cost Open Frame Power Supply
PSA160-210 PHIHONG-PSA160-210 Datasheet
112Kb / 3P
   160 Watt Low Cost Open Frame Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com