Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEC30-24S15 Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # FEC30-24S15
Description  30 WATT DC/DC CONVERTER SINGLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

FEC30-24S15 Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  FEC30-24S15 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. FEC30-24S15 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
E
EL
LE
E C
CT
TR
R IIC
CA
AL
L S
SP
P E
EC
CIIF
F IIC
CA
A T
T IIO
ON
N S
S
IIN
NP
PU
U T
T S
S P
P E
EC
C IIF
FIIC
C A
A T
TIIO
ON
NS
S
O
OU
UT
TP
PU
UT
T S
SP
PE
E C
CIIF
F IIC
CA
AT
T IIO
ON
N S
S
G
GE
EN
NE
ER
RA
A L
L S
S P
P E
EC
C IIF
FIIC
C A
A T
TIIO
ON
NS
S
E
EN
NV
V IIR
RO
O N
NM
ME
E N
NT
TA
A L
L S
SP
P E
EC
C IIF
F IIC
CA
A T
TIIO
O N
NS
S
P
PH
HY
YS
S IIC
C A
A L
L S
S P
PE
EC
C IIF
FIIC
C A
A T
TIIO
O N
NS
S
S
SA
AF
F E
ET
TIIE
E S
S //A
AP
P P
PR
RO
OV
VA
A L
LS
S
FEATURES
30 WATT OUTPUT POWER
2 : 1 INPUT VOLTAGE RANGE
EXTREMELY RELIABLE
SIX SIDED CONTINOUS SHIELD
HIGH EFFICIENCY UP TO 90%
SHORT CIRCUIT PROTECTION
DIRECT PCB-SOLDERING
INDUSTRY STANDARD 2 X 1.6 X.04 PACKAGE
INTERNATIONAL SAFETY STANDARD
APPROVALS
3
30
0 W
WA
A T
TT
T D
DC
C//D
D C
C C
CO
O N
NV
VE
ER
RT
TE
E R
R
S
SIIN
NG
G L
LE
E O
O U
UT
TP
PU
UT
T
F
FE
EC
C3
30
0 S
Seerriie
ess
Input Voltage Range.........................2 : 1
Input Filter........................................ PI-Network
Output Voltage Accuracy...... ..... ±1%
Voltage Adjustability……………..±10%
Minimum Load……………………0%
Efficiency.....................................Up to 90%
Over-Current Protection...………150% max
Ripple ......................................…12/15V:
75mVp -p
Others:
50mVp-p
(20Mhz Bandwidth)
Line Regulation............................±0.2%
Line Filter.................................... Built-in
Load Regulation……………….....±0.5%
(Load Rate 10% ~ 100%)
.
Isolation Voltage…………...1600VDC min
MTBF................................. >1.535 x 10
6 hours
Isolation Resistance.......….10
9
ohms min
Isolation Capacitance………1000pF
Switching Frequency……….300Khz typical
Operating Temperature ...................-40°C ~ +85°C
Temperature Coefficient...................±0.05%/ °C
Humidity.......................................... 5%~95% RH
Storage Temperature...................... -55°C ~ +105°C
Case Material..........................Nickel-Coated Copper
Base Material..........................Non-Conductive
Black Plastic
UL, TUV, CE
UL1950
EN60950
All specifications are typical at nominal input, full load


Similar Part No. - FEC30-24S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEC30-24S15 ETC1-FEC30-24S15 Datasheet
155Kb / 3P
   FEC30
logo
Power Mate Technology C...
FEC30-24S15 P-DUKE-FEC30-24S15 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
FEC30-24S15 P-DUKE-FEC30-24S15 Datasheet
334Kb / 3P
   30 WATTS DC-DC CONVERTER
FEC30-24S15W P-DUKE-FEC30-24S15W Datasheet
279Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
FEC30-24S15W P-DUKE-FEC30-24S15W Datasheet
334Kb / 3P
   30 WATTS DC-DC CONVERTER
More results

Similar Description - FEC30-24S15

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
WPN30R CANDD-WPN30R Datasheet
120Kb / 4P
   30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Wall Industries,Inc.
JFCW30 WALL-JFCW30 Datasheet
630Kb / 9P
   30 Watt DC/DC Power Converter Single and Dual Output
logo
TECHNOLOGY ASSISTANCE B...
XTDRSP-1500-12 TAB-XTDRSP-1500-12 Datasheet
186Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
logo
Murata Power Solutions ...
HPR100WC MURATA-PS-HPR100WC Datasheet
148Kb / 4P
   0.75 Watt Single Output DC/DC Converter
HPR117VC MURATA-PS-HPR117VC Datasheet
165Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
C&D Technologies
HPR1XX-1 CANDD-HPR1XX-1 Datasheet
89Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
Wall Industries,Inc.
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
logo
TECHNOLOGY ASSISTANCE B...
TSD-1000L-12 TAB-TSD-1000L-12 Datasheet
368Kb / 2P
   1000 WATT SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com