Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT5-4812WI Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # MT5-4812WI
Description  5 WATT DC/DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

MT5-4812WI Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  MT5-4812WI Datasheet HTML 1Page - Volgen Kaga Electronics Inc. MT5-4812WI Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted..
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
Dimensions in mm
MODEL
MT5-2405SI
MT5-2412SI
MT5-2412WI
MT5-2415WI
OUTPUT VOLTAGE
INPUT VOLTAGE
24 VDC
(18 ~ 36V)
OUTPUT CURRENT
INPUT CURRENT
5.1 VDC
12 VDC
±12 VDC
±15 VDC
EFFICIENCY
1000mA
500mA
±250mA
±200mA
16mA
22mA
33mA
35mA
83%
86%
85%
86%
MT5-4805SI
MT5-4812SI
MT5-4812WI
MT5-4815WI
48 VDC
(36 ~ 72V)
5.1 VDC
12 VDC
±12 VDC
±15 VDC
1000mA
500mA
±250mA
±200mA
10mA
12mA
14mA
12 mA
84%
87%
87%
87%
SINGLE OUTPUT
2, 3
22, 23
9, 10
11, 15
16
14
INPUT - V
INPUT + V
NC
NC
OUTPUT - V
OUTPUT + V
DUAL OUTPUT
2, 3
22, 23
11
14
9, 16
INPUT - V
INPUT + V
OUTPUT - V
OUTPUT + V
COMMON


Similar Part No. - MT5-4812WI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT5-4812WI ETC1-MT5-4812WI Datasheet
280Kb / 2P
   5 WATT DC//DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
More results

Similar Description - MT5-4812WI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT5 ETC1-MT5 Datasheet
280Kb / 2P
   5 WATT DC//DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
logo
Volgen Kaga Electronics...
MT3-0503SI VOLGEN-MT3-0503SI Datasheet
313Kb / 3P
   3 WATT DC/DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
B2.2R-0505 VOLGEN-B2.2R-0505 Datasheet
226Kb / 2P
   2 WATT DC//DC CONVERTER,SIINGLE & MULTIIPLE OUTPUTS
MT10-1203S VOLGEN-MT10-1203S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
B3R-0505 VOLGEN-B3R-0505 Datasheet
172Kb / 2P
   3 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MT2-0505SI VOLGEN-MT2-0505SI Datasheet
213Kb / 2P
   2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
   1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
B5R-1203 VOLGEN-B5R-1203 Datasheet
342Kb / 3P
   5 WATT DC/DC CONVERTER, SINGLE & MULTIPLE OUTPUTS
logo
Wall Industries,Inc.
MSKUW WALL-MSKUW Datasheet
229Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com