Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-1509D Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # MS-1509D
Description  1 WATT DC//DC CONVERTER, SIIP PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

MS-1509D Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  MS-1509D Datasheet HTML 1Page - Volgen Kaga Electronics Inc. MS-1509D Datasheet HTML 2Page - Volgen Kaga Electronics Inc. MS-1509D Datasheet HTML 3Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
28
1 W
1 WA
ATT DC/DC CONVER
TT DC/DC CONVERTER,
TER,
SIP
SIP P
PACKAGE
ACKAGE
FEATURES
E
E L
L E
E C
C T
T R
R II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
E
E L
L E
E C
C T
T R
R II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Input Voltage Range........................ ±10%
Input Filter........................................ Capacitor
II N
N P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
II N
N P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Isolation Voltage................................. 1000 VDC
MTBF.............................................. >1,000,000 hours
Isolation Resistance........................ 1000M-ohms min. @ 500 VDC
G
G E
E N
N E
E R
R A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
G
G E
E N
N E
E R
R A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Case Material.....................................UL 94V-0 Plastic
Single In-Line Pin Configuration
P
P H
H Y
Y S
S II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
P
P H
H Y
Y S
S II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Operating Temperature ................... -25˚C ~ +85˚C
Temperature Coefficient...................±0.05%/ ˚C
Humidity........................................... 30%~95% RH
Storage Temperature....................... -55°C ~ +125°C
E
E N
N V
V II R
R O
O N
N M
M E
E N
N T
T A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
E
E N
N V
V II R
R O
O N
N M
M E
E N
N T
T A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Output Voltage Accuracy................. ±5%
Efficiency.......................................... 75% typ.
Ripple ..............................................100 mVp-p
LineRegulation................................ 1.2%/1% of V in
Line Filter......................................... Built-in
Load Regulation...............................5V=15% max.
9V, 12V, 15V=10% max.
Spike Noise (DC to 100MHZ)...................Input 150 mVp-p max.
Output 70 mVp-p max.
O
O U
U T
T P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
O
O U
U T
T P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
MS / MSM / MSB
MS / MSM / MSB
All specifications are typical at nominal input, full load
ECONOMY LINE
7 PIN PACKAGE
1000 VDC ISOLATION
UNREGULATED OUTPUT
UL 94V-0 PACKAGE MATERIAL
3.3V ~ 24V INPUT MODELS
ONE YEAR WARRANTY


Similar Part No. - MS-1509D

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MS-150 MEANWELL-MS-150 Datasheet
344Kb / 6P
   450W/650W/1000W Modular Power
More results

Similar Description - MS-1509D

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MSBH-0505 VOLGEN-MSBH-0505 Datasheet
243Kb / 3P
   2 WATT DC//DC CONVERTER, SIIP PACKAGE
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com