Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24L28256SA-70BEG Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L28256SA-70BEG
Description  2-Mbit (256K x 8) Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L28256SA-70BEG Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button M24L28256SA-70BEG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L28256SA-70BEG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L28256SA-70BEG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L28256SA-70BEG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L28256SA-70BEG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L28256SA-70BEG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M24L28256SA-70BEG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M24L28256SA-70BEG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M24L28256SA-70BEG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ESMT
M24L28256SA
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2008
Revision : 1.1
9/12
Truth Table[18]
CE
OE
WE
I/O0-I/O7
Mode
Power
H
X
X
High Z
Power-Down
Standby (ISB)
X
X
X
High Z
Power-Down
Standby (ISB)
L
L
H
Data Out
Read
Active (ICC)
L
X
L
Data In
Write
Active (ICC)
L
H
H
High Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed (ns)
Ordering Code
Package Type
Operating Range
55
M24L28256SA-55BEG
36-Lead VFBGA (6 x 8 x 1 mm) (Pb-free)
Extended
70
M24L28256SA-70BEG
36-Lead VFBGA (6 x 8 x 1 mm) (Pb-free)
Extended
55
M24L28256SA-55BIG
36-Lead VFBGA (6 x 8 x 1 mm) (Pb-free)
Industrial
70
M24L28256SA-70BIG
36-Lead VFBGA (6 x 8 x 1 mm) (Pb-free)
Industrial
Note:
18.H = Logic HIGH, L = Logic LOW, X = Don’t Care.


Similar Part No. - M24L28256SA-70BEG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L28256DA ESMT-M24L28256DA Datasheet
229Kb / 10P
   2-Mbit (256K x 8) Pseudo Static RAM
M24L28256DA-55BEG ESMT-M24L28256DA-55BEG Datasheet
229Kb / 10P
   2-Mbit (256K x 8) Pseudo Static RAM
M24L28256DA-70BEG ESMT-M24L28256DA-70BEG Datasheet
229Kb / 10P
   2-Mbit (256K x 8) Pseudo Static RAM
More results

Similar Description - M24L28256SA-70BEG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L28256DA ESMT-M24L28256DA Datasheet
229Kb / 10P
   2-Mbit (256K x 8) Pseudo Static RAM
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com