Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSB-2405 Datasheet(PDF) 3 Page - Volgen Kaga Electronics Inc.

Part # MSB-2405
Description  1 WATT DC//DC CONVERTER, SIIP PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

MSB-2405 Datasheet(HTML) 3 Page - Volgen Kaga Electronics Inc.

  MSB-2405 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. MSB-2405 Datasheet HTML 2Page - Volgen Kaga Electronics Inc. MSB-2405 Datasheet HTML 3Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
100 mA
56 mA
42 mA
33 mA
152 mA
200 mA
111 mA
84 mA
66 mA
200 mA
111 mA
84 mA
66 mA
200 mA
111 mA
84 mA
66 mA
200 mA
111 mA
84 mA
66 mA
30
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
PART NUMBER
MSM - 0305
MSM - 0309
MSM - 0312
MSM - 0315
MSM - 0503
MSM - 0505
MSM - 0509
MSM - 0512
MSM - 0515
MSM - 1205
MSM - 1209
MSM - 1212
MSM - 1215
MSM - 1505
MSM - 1509
MSM - 1512
MSM - 1515
MSM - 2405
MSM - 2409
MSM - 2412
MSM - 2415
5 VDC
9 VDC
12 VDC
15 VDC
3.3 VDC
5 VDC
9 VDC
12 VDC
15 VDC
5 VDC
9 VDC
12 VDC
15 VDC
5 VDC
9 VDC
12 VDC
15 VDC
5 VDC
9 VDC
12 VDC
15 VDC
70 %
70 %
72 %
75 %
70 %
70 %
75 %
78 %
80 %
70 %
75 %
78 %
80 %
70 %
75 %
78 %
80 %
70 %
75 %
78 %
80 %
OUTPUT VOLTAGE
INPUT VOLTAGE
3.3 VDC
5 VDC
12VDC
OUTPUT CURRENT
EFFICIENCY
15 VDC
24 VDC
Pin Connections
Pin#
Single
1
2
3
4
GND
VCC
OV
+V
MSM SERIES
0.080"
Typ.
0.020"
Typ.
0.100" x 5
Min.
0.120"
0.760"
Max.
Top View
Bottom View
Typ.
0.050"
*TERMINAL
0.020" x 0.010" FLAT PIN
NOTE:
1 2
4
5 6
1 2 3 4
MSM - Single Output


Similar Part No. - MSB-2405

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
MSB-200 BB-BATTERY-MSB-200 Datasheet
295Kb / 1P
   VRLA Rechargeable Battery
MSB-2000 BB-BATTERY-MSB-2000 Datasheet
352Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - MSB-2405

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MSBH-0505 VOLGEN-MSBH-0505 Datasheet
243Kb / 3P
   2 WATT DC//DC CONVERTER, SIIP PACKAGE
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com