Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24L816512DA Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L816512DA
Description  8-Mbit (512K x 16) Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L816512DA Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  M24L816512DA Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M24L816512DA Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M24L816512DA Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M24L816512DA Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L816512DA Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L816512DA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L816512DA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L816512DA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L816512DA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ESMT
M24L816512DA
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2008
Revision : 1.1
4/12
AC Test Loads and Waveforms
Parameters
3.0V VCC
Unit
R1
22000
R2
22000
RTH
11000
VTH
1.50
V
Switching Characteristics Over the Operating Range[10, 11, 12, 13, 14]
-55
-70
Parameter
Description
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
55[14]
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
5
5
ns
tACE
1
CE LOW and CE2 HIGH to Data Valid
55
70
ns
tDOE
OE LOW to Data Valid
25
35
ns
tLZOE
OE LOW to LOW Z[11, 12]
5
5
ns
tHZOE
OE HIGH to High Z[11, 12]
25
25
ns
tLZCE
1
CE LOW and CE2 HIGH to Low Z[11, 12]
5
5
ns
tHZCE
1
CE HIGH and CE2 LOW to High Z[11, 12]
25
25
ns
tDBE
BLE
/ BHE LOW to Data Valid
55
70
ns
tLZBE
BLE
/ BHE LOW to Low Z[11, 12]
5
5
ns
tHZBE
BLE
/ BHE HIGH to High Z[11, 12]
10
25
ns
tSK[14]
Address Skew
0
10
ns
Notes:
10. Test conditions assume signal transition time of 1V/ns or higher, timing reference levels of V CC(typ)/2, input pulse levels of 0V
to V CC(typ), and output loading of the specified IOL/IOH and 30-pF load capacitance
11. tHZOE, tHZCE, tHZBE, and tHZWEtransitions are measured when the outputs enter a high-impedance state.
12. High-Z and Low-Z parameters are characterized and are not 100% tested.
13. The internal write time of the memory is defined by the overlap of WE ,
1
CE = VIL, CE2 = VIH, BHE and/or BLE = VIL.
All signals must be ACTIVE to initiate a write and any of these signals can terminate a write by going INACTIVE. The data
input set-up and hold timing should be referenced to the edge of the signal that terminates write.
14. To achieve 55-ns performance, the read access should be CE controlled. In this case tACE is the critical parameter and tSK
is satisfied when the addresses are stable prior to chip enable going active. For the 70-ns cycle, the addresses must be
stable within 10 ns after the start of the read cycle.


Similar Part No. - M24L816512DA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L816512SA ESMT-M24L816512SA Datasheet
332Kb / 14P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512SA-55BEG ESMT-M24L816512SA-55BEG Datasheet
332Kb / 14P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512SA-55BIG ESMT-M24L816512SA-55BIG Datasheet
332Kb / 14P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512SA-55TEG ESMT-M24L816512SA-55TEG Datasheet
332Kb / 14P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512SA-55TIG ESMT-M24L816512SA-55TIG Datasheet
332Kb / 14P
   8-Mbit (512K x 16) Pseudo Static RAM
More results

Similar Description - M24L816512DA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
   8-Mbit (512K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK512K16SCCA CYPRESS-CYK512K16SCCA Datasheet
177Kb / 10P
   8-Mbit (512K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L816512SA ESMT-M24L816512SA Datasheet
332Kb / 14P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L48512DA ESMT-M24L48512DA Datasheet
283Kb / 12P
   4-Mbit (512K x 8) Pseudo Static RAM
M24L48512SA ESMT-M24L48512SA Datasheet
278Kb / 12P
   4-Mbit (512K x 8) Pseudo Static RAM
logo
Cypress Semiconductor
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30_09 Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com