Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-2405D Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # MS-2405D
Description  1 WATT DC//DC CONVERTER, SIIP PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

MS-2405D Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  MS-2405D Datasheet HTML 1Page - Volgen Kaga Electronics Inc. MS-2405D Datasheet HTML 2Page - Volgen Kaga Electronics Inc. MS-2405D Datasheet HTML 3Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
200 mA
111 mA
84 mA
66 mA
±100 mA
±56 mA
±42 mA
±33 mA
200 mA
111 mA
84 mA
66 mA
±100 mA
±56 mA
±42 mA
±33 mA
200 mA
111 mA
84 mA
66 mA
±100 mA
±56 mA
±42 mA
±33 mA
200 mA
111 mA
84 mA
66 mA
±100 mA
±56 mA
±42 mA
±33 mA
29
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
PART NUMBER
MSB - 0505
MSB - 0509
MSB - 0512
MSB - 0515
MS - 0505D
MS - 0509D
MS - 0512D
MS - 0515D
MSB - 1205
MSB - 1209
MSB - 1212
MSB - 1215
MS - 1205D
MS - 1209D
MS - 1212D
MS - 1215D
MSB - 1505
MSB - 1509
MSB - 1512
MSB - 1515
MS - 1505D
MS - 1509D
MS - 1512D
MS - 1515D
MSB - 2405
MSB - 2409
MSB - 2412
MSB - 2415
MS - 2405D
MS - 2409D
MS - 2412D
MS - 2415D
5 VDC
9 VDC
12 VDC
15 VDC
±5 VDC
±9 VDC
±12 VDC
±15 VDC
5 VDC
9 VDC
12 VDC
15 VDC
±5 VDC
±9 VDC
±12 VDC
±15 VDC
5 VDC
9 VDC
12 VDC
15 VDC
±5 VDC
±9 VDC
±12 VDC
±15 VDC
5 VDC
9 VDC
12 VDC
15 VDC
±5 VDC
±9 VDC
±12 VDC
±15 VDC
70 %
75 %
80 %
82 %
70 %
75 %
78 %
80 %
70 %
75 %
80 %
82 %
70 %
75 %
78 %
80 %
70 %
75 %
80 %
82 %
70 %
75 %
78 %
80 %
70 %
75 %
80 %
82 %
70 %
75 %
78 %
80 %
OUTPUT VOLTAGE
INPUT VOLTAGE
5 VDC
OUTPUT CURRENT
EFFICIENCY
12 VDC
Pin Connections
PIN
1
2
4
5
6
MSB
+INPUT
-INPUT
-OUTPUT
NO PIN
+OUTPUT
MS
+INPUT
-INPUT
-OUTPUT
COMMON
+OUTPUT
1 5 VDC
24 VDC
MS / MSB SERIES
0.080"
Typ.
0.020"
Typ.
0.100" x 5
Min.
0.120"
0.760"
Max.
Top View
Bottom View
Typ.
0.050"
*TERMINAL
0.020" x 0.010" FLAT PIN
NOTE:
1 2
4
5 6
MSB= Single Output
MS= Dual Output


Similar Part No. - MS-2405D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-24-140 ETC2-MS-24-140 Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
MS-24-140-Y ETC2-MS-24-140-Y Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
logo
PIC GmbH
MS-2431-3 PIC-MS-2431-3 Datasheet
107Kb / 2P
   Press-Fit Sensor
MS-2431-4 PIC-MS-2431-4 Datasheet
107Kb / 2P
   Press-Fit Sensor Change-over
MS-2431-7 PIC-MS-2431-7 Datasheet
107Kb / 2P
   Press-Fit Sensor Form B
More results

Similar Description - MS-2405D

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MSBH-0505 VOLGEN-MSBH-0505 Datasheet
243Kb / 3P
   2 WATT DC//DC CONVERTER, SIIP PACKAGE
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com