Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3-4803SI Datasheet(PDF) 3 Page - Volgen Kaga Electronics Inc.

Part # MT3-4803SI
Description  3 WATT DC/DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

MT3-4803SI Datasheet(HTML) 3 Page - Volgen Kaga Electronics Inc.

  MT3-4803SI Datasheet HTML 1Page - Volgen Kaga Electronics Inc. MT3-4803SI Datasheet HTML 2Page - Volgen Kaga Electronics Inc. MT3-4803SI Datasheet HTML 3Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
TYPE B: SINGLE
1, 2
23, 24
13
12
10, 11,15
20
INPUT + V
INPUT - V
OUTPUT + V
OUTPUT - V
NC
SHUTDOWN
TYPE B: DUAL
1, 2
23, 24
15
13
10, 11
12
20
INPUT + V
INPUT - V
OUTPUT + V
OUTPUT - V
COMMON
NC
SHUTDOWN
MT3-DH05SI
MT3-DH12SI
MT3-DH15SI
MT3-DH05WI
MT3-DH12WI
MT3-DH15WI
MT3-HL05SI
MT3-HL12SI
MT3-HL15SI
MT3-HL05WI
MT3-HL12WI
MT3-HL15WI
12/24VDC
(9-36V)
24/48VDC
(18-72V)
5VDC
12VDC
15VDC
±5VDC
±12VDC
±15VDC
5VDC
12VDC
15VDC
±5VDC
±12VDC
±15VDC
125-500mA
62-250mA
50-200mA
±62-250mA
±31-125mA
±25-100mA
125-500mA
62-250mA
50-200mA
±62-250mA
±31-125mA
±25-100mA
80%
81%
81%
80%
81%
81%
82%
83%
83%
81%
82%
82%
B
MODEL
OUTPUT VOLTAGE
INPUT VOLTAGE
OUTPUT CURRENT
EEF. TYP.
PIN TYPE


Similar Part No. - MT3-4803SI

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
MT3-0113HCQG MARKIMICROWAVE-MT3-0113HCQG Datasheet
1Mb / 10P
   GaAs MMIC High Dynamic Range Mixer
MT3-0113LCQG MARKIMICROWAVE-MT3-0113LCQG Datasheet
1Mb / 10P
   GaAs MMIC High Dynamic Range Mixer
MT3-0113SCQG MARKIMICROWAVE-MT3-0113SCQG Datasheet
1Mb / 9P
   GaAs MMIC High Dynamic Range Mixer
MT3-0113SCQG-2 MARKIMICROWAVE-MT3-0113SCQG-2 Datasheet
1Mb / 9P
   GaAs MMIC High Dynamic Range Mixer
logo
Riedon Powertron
MT3-0R01F1 RIEDON-MT3-0R01F1 Datasheet
180Kb / 2P
   Low Ohm Power Resistors
More results

Similar Description - MT3-4803SI

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
B3R-0505 VOLGEN-B3R-0505 Datasheet
172Kb / 2P
   3 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
logo
List of Unclassifed Man...
MT5 ETC1-MT5 Datasheet
280Kb / 2P
   5 WATT DC//DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
logo
Volgen Kaga Electronics...
MT5-2405SI VOLGEN-MT5-2405SI Datasheet
284Kb / 2P
   5 WATT DC/DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
B2.2R-0505 VOLGEN-B2.2R-0505 Datasheet
226Kb / 2P
   2 WATT DC//DC CONVERTER,SIINGLE & MULTIIPLE OUTPUTS
MT10-1203S VOLGEN-MT10-1203S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT2-0505SI VOLGEN-MT2-0505SI Datasheet
213Kb / 2P
   2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
   1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com