Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24L416256DA-55TEG Datasheet(PDF) 11 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L416256DA-55TEG
Description  4-Mbit (256K x 16) Pseudo Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L416256DA-55TEG Datasheet(HTML) 11 Page - Elite Semiconductor Memory Technology Inc.

Back Button M24L416256DA-55TEG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L416256DA-55TEG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L416256DA-55TEG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M24L416256DA-55TEG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M24L416256DA-55TEG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M24L416256DA-55TEG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M24L416256DA-55TEG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M24L416256DA-55TEG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M24L416256DA-55TEG Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ESMT
M24L416256DA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2008
Revision: 1.5
11/15
Truth Table[20]
1
CE
CE2
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
H
X
X
X
X
X
High Z
Deselect/Power-down
Standby (ISB)
X
L
X
X
X
X
High Z
Deselect/Power-down
Standby (ISB)
X
X
X
X
H
H
High Z
Deselect/Power-down
Standby (ISB)
L
H
H
L
L
L
Data Out (I/O0–I/O15)
Read (Upper Byte and Lower Byte)
Active (ICC)
L
H
H
L
H
L
Data Out (I/O0–I/O7);
I/O8–I/O15 in High Z
Read (Upper Byte only)
Active (ICC)
L
H
H
L
L
H
Data Out (I/O8–I/O15);
I/O0–I/O7 in High Z
Read (Lower Byte only)
Active (ICC)
L
H
H
H
L
L
High Z
Output Disabled
Active (ICC)
L
H
H
H
H
L
High Z
Output Disabled
Active (ICC)
L
H
H
H
L
H
High Z
Output Disabled
Active (ICC)
L
H
L
X
L
L
Data In (I/O0–I/O15)
Write (Upper Byte and Lower Byte)
Active (ICC)
L
H
L
X
H
L
Data In (I/O0–I/O7);
I/O8–I/O15 in High Z
Write (Lower Byte Only)
Active (ICC)
L
H
L
X
L
H
Data In (I/O8–I/O15);
I/O0–I/O7 in High Z
Write (Upper Byte Only)
Active (ICC)
Note:
20.H = Logic HIGH, L = Logic LOW, X = Don’t Care.
Ordering Information
Speed (ns)
Ordering Code
Package Type
Operating Range
55
M24L416256DA-55BEG
48-ball Very Fine Pitch BGA (6.0 x 8.0 x 1.0 mm) (Pb-Free)
Extended
60
M24L416256DA-60BEG
48-ball Very Fine Pitch BGA (6.0 x 8.0 x 1.0 mm) (Pb-Free)
Extended
70
M24L416256DA-70BEG
48-ball Very Fine Pitch BGA (6.0 x 8.0 x 1.0 mm) (Pb-Free)
Extended
55
M24L416256DA-55TEG
44-pin TSOPII (Pb-Free)
Extended
60
M24L416256DA-60TEG
44-pin TSOPII (Pb-Free)
Extended
70
M24L416256DA-70TEG
44-pin TSOPII (Pb-Free)
Extended
55
M24L416256DA-55BIG
48-ball Very Fine Pitch BGA (6.0 x 8.0 x 1.0 mm) (Pb-Free)
Industrial
60
M24L416256DA-60BIG
48-ball Very Fine Pitch BGA (6.0 x 8.0 x 1.0 mm) (Pb-Free)
Industrial
70
M24L416256DA-70BIG
48-ball Very Fine Pitch BGA (6.0 x 8.0 x 1.0 mm) (Pb-Free)
Industrial
55
M24L416256DA-55TIG
44-pin TSOPII (Pb-Free)
Industrial
60
M24L416256DA-60TIG
44-pin TSOPII (Pb-Free)
Industrial
70
M24L416256DA-70TIG
44-pin TSOPII (Pb-Free)
Industrial


Similar Part No. - M24L416256DA-55TEG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L416256SA ESMT-M24L416256SA Datasheet
322Kb / 14P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256SA-55BEG ESMT-M24L416256SA-55BEG Datasheet
322Kb / 14P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256SA-55BIG ESMT-M24L416256SA-55BIG Datasheet
322Kb / 14P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256SA-55TEG ESMT-M24L416256SA-55TEG Datasheet
322Kb / 14P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256SA-55TIG ESMT-M24L416256SA-55TIG Datasheet
322Kb / 14P
   4-Mbit (256K x 16) Pseudo Static RAM
More results

Similar Description - M24L416256DA-55TEG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK256K16SCCB CYPRESS-CYK256K16SCCB Datasheet
314Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16MCCB CYPRESS-CYK256K16MCCB Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L416256SA ESMT-M24L416256SA Datasheet
322Kb / 14P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com