Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24L416256SA-55TEG Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L416256SA-55TEG
Description  4-Mbit (256K x 16) Pseudo Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L416256SA-55TEG Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M24L416256SA-55TEG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-55TEG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-55TEG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-55TEG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-55TEG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-55TEG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-55TEG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-55TEG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-55TEG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ESMT
M24L416256SA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2008
Revision: 1.4
5/14
AC Test Loads and Waveforms
Parameters
3.0V VCC
Unit
R1
22000
R2
22000
RTH
11000
VTH
1.50
V
Switching Characteristics (Over the Operating Range)[10]
–55
–60
–70
Prameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
55
60
70
ns
tAA
Address to Data Valid
55
60
70
ns
tOHA
Data Hold from Address Change
5
8
10
ns
tACE
CE LOW to Data Valid
55
60
70
ns
tDOE
OE LOW to Data Valid
25
25
35
ns
tLZOE
OE LOW to Low Z[11, 13]
5
5
5
ns
tHZOE
OE HIGH to High Z[11, 13]
25
25
25
ns
tLZCE
CE LOW to Low Z[11, 13]
2
2
5
ns
tHZCE
CE HIGH to High Z[11, 13]
25
25
25
ns
tDBE
BLE / BHE LOW to Data Valid
55
60
70
ns
tLZBE
BLE
/ BHE LOW to Low Z[11, 13]
5
5
5
ns
tHZBE
BLE
/ BHE HIGH to High-Z[11, 13]
10
10
25
ns
tSK
[14]
Address Skew
0
5
10
ns
Write Cycle[12]
tWC
Write Cycle Time
55
60
70
ns
tSCE
CE LOW to Write End
45
45
60
ns
tAW
Address Set-up to Write End
45
45
55
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Set-up to Write Start
0
0
0
ns
tPWE
WE
Pulse Width
40
40
45
ns
Notes:
10. Test conditions for all parameters other than tri-state parameters assume signal transition time of 1 ns/V, timing reference
levels of VCC(typ)/2, input pulse levels of 0V to V CC(typ.), and output loading of the specified IOL/IOH as shown in the “AC Test
Loads and Waveforms” section.
11. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high impedance state.
12. The internal Write time of the memory is defined by the overlap of WE , CE = VIL, BHE and/or BLE = VIL. All signals
must be ACTIVE to initiate a write and any of these signals can terminate a write by going INACTIVE. The data input set-up
and hold timing should be referenced to the edge of the signal that terminates the write.
13. High-Z and Low-Z parameters are characterized and are not 100% tested.
14. To achieve 55-ns performance, the read access should be CE controlled. In this case tACE is the critical parameter and tSK is
satisfied when the addresses are stable prior to chip enable going active. For the 70-ns cycle, the addresses must be stable
within 10 ns after the start of the read cycle.


Similar Part No. - M24L416256SA-55TEG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA-55BEG ESMT-M24L416256DA-55BEG Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA-55BIG ESMT-M24L416256DA-55BIG Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA-55TEG ESMT-M24L416256DA-55TEG Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA-55TIG ESMT-M24L416256DA-55TIG Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
More results

Similar Description - M24L416256SA-55TEG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK256K16SCCB CYPRESS-CYK256K16SCCB Datasheet
314Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16MCCB CYPRESS-CYK256K16MCCB Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com